Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70P34 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70P34
Description  HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P34 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70P34 Datasheet HTML 5Page - Integrated Device Technology IDT70P34 Datasheet HTML 6Page - Integrated Device Technology IDT70P34 Datasheet HTML 7Page - Integrated Device Technology IDT70P34 Datasheet HTML 8Page - Integrated Device Technology IDT70P34 Datasheet HTML 9Page - Integrated Device Technology IDT70P34 Datasheet HTML 10Page - Integrated Device Technology IDT70P34 Datasheet HTML 11Page - Integrated Device Technology IDT70P34 Datasheet HTML 12Page - Integrated Device Technology IDT70P34 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
IDT70P35/34L (IDT70T25/24L)
ADVANCED
High-Speed 1.8V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Absolute Maximum Ratings(1)
Maximum Operating Temperature
and Supply Voltage(1)
Capacitance(1) (TA = +25°C, f = 1.0MHz)
Recommended DC Operating
Conditions
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. Ambient Temperature Under DC Bias. No AC Conditions. Chip Deselected.
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV references the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 1.8V ± 100mV)
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
Terminal Voltage
with Respect to GND
-0.5 to VDDMAX
+ 0.3V
V
TBIAS(2)
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT
DC Output Current
20
mA
5683 tbl 04
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
1.8V
+ 100mV
Industrial
-40OC to +85OC0V
1.8V
+ 100mV
5683 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1.7
1.8
1.9
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
1.2
____
VDD+0.2
V
VIL
Input Low Voltage
-0.2(1)
____
0.4
V
5683 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
11
pF
5683 tbl 07
Symbol
Parameter
Test Conditions
70P35/34L
(70P25/24L)
Unit
Min.
Max.
|ILI|
Input Leakage Current
VDD = 1.8V, VIN = 0V to VDD
___
1µA
|ILO|
Output Leakage Currentt
CE
= VIH, VOUT = 0V to VDD
___
1µA
VOL
Output Low Voltage
IOL = +0.1mA
___
0.2
V
VOH
Output High Voltage
IOH = -0.1mA
VDD - 0.2
___
V
5683 tbl 08


Similar Part No. - IDT70P34

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S233RM IDT-IDT70P3307S233RM Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S233RMI IDT-IDT70P3307S233RMI Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S250RM IDT-IDT70P3307S250RM Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S250RMI IDT-IDT70P3307S250RMI Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
More results

Similar Description - IDT70P34

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com