Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29413 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29413
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29413 Datasheet(HTML) 2 Page - Texas Instruments

  BQ29413 Datasheet HTML 1Page - Texas Instruments BQ29413 Datasheet HTML 2Page - Texas Instruments BQ29413 Datasheet HTML 3Page - Texas Instruments BQ29413 Datasheet HTML 4Page - Texas Instruments BQ29413 Datasheet HTML 5Page - Texas Instruments BQ29413 Datasheet HTML 6Page - Texas Instruments BQ29413 Datasheet HTML 7Page - Texas Instruments BQ29413 Datasheet HTML 8Page - Texas Instruments BQ29413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
bq29410, bq29411, bq29412
bq29413, bq29414, bq29415
SLUS669D – AUGUST 2005 – REVISED OCTOBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE(3)
TA
V(PROTECT)(2)
MSOP (DCT)
SYMBOL
SSOP (PW)
bq29410DCT3R
bq29410PW
bq29410PWR
4.35 V
bq29410DCTR
CJG
bq29410PWG4
bq29410PWRG4
bq29410DCTT
bq29411DCT3R
bq29411PW
bq29411PWR
4.40 V
bq29411DCTR
CJH
bq29411PWG4
bq29411PWRG4
bq29411DCTT
bq29412DCT3R
bq29412PW
bq29412PWR
–40
°C to 110°C
4.45 V
bq29412DCTR
CJJ
bq29412PWG4
bq29412PWRG4
bq29412DCTT
bq29413DCTR
4.50 V
CJk
bq29413PW
bq29413PWR
bq29413DCTT
bq29414DCTR(4)
4.55 V
CJL
bq29414PW(4)
bq29414PWR(4)
bq29414DCTT(4)
bq29415DCTR(4)
4.60 V
CJM
bq29415PW(4)
bq29415PWR(4)
bq29415DCTT(4)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Contact your local Texas Instruments representative or sales office for alternative overvoltage threshold options.
(3)
The "R" suffix indicates tape-and-reel packaging.
(4)
Product Preview
over operating free-air temperature range unless otherwise noted(1)(2)
UNIT
Supply voltage range
VDD
–0.3 V to 28 V
VC1, VC2, VC3, VC4
–0.3 V to 28 V
Input voltage range
VC1 TO VC2, VC2 TO VC3, VC3 TO VC4, VC4 TO GND
–0.3 V to 8 V
OUT
–0.3 V to 28 V
Output voltage range
CD
–0.3 V to 28 V
Continuous total power dissipation
See Dissipation Rating Table
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground of this device except the differential voltage of VC1-VC2, VC2-VC3, VC3-VC4, and VC4-GND.
TA = 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DCT
412 mW
3.3 mW/
°C
264 mW
214 mW
PW
525 mW
4.2 mW/
°C
336 mW
273 mW
2
Submit Documentation Feedback


Similar Part No. - BQ29413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29413 TI-BQ29413 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29413 TI1-BQ29413 Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29413DCTR TI-BQ29413DCTR Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29413DCTR TI1-BQ29413DCTR Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29413DCTRG4 TI-BQ29413DCTRG4 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
More results

Similar Description - BQ29413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com