Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24721 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24721
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24721 Datasheet HTML 1Page - Texas Instruments BQ24721 Datasheet HTML 2Page - Texas Instruments BQ24721 Datasheet HTML 3Page - Texas Instruments BQ24721 Datasheet HTML 4Page - Texas Instruments BQ24721 Datasheet HTML 5Page - Texas Instruments BQ24721 Datasheet HTML 6Page - Texas Instruments BQ24721 Datasheet HTML 7Page - Texas Instruments BQ24721 Datasheet HTML 8Page - Texas Instruments BQ24721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
bq24721
SLUS683 – NOVEMBER 2005
8 Vdc
≤ V
(VCC) ≤ 24 Vdc, 0°C ≤ TJ ≤ 125°C, all voltages with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING CONDITIONS
V(VCC), V(PVCC), input voltage
V(INOP)
Selector and charger operational.
8
24
V
operating range
QUIESCENT CURRENT – NO ADAPTER CONNECTED
VCC and PVCC quiescent
I(VCC,PVCC)
I(VCC,PVCC) = ( I(VCC) + I(PVCC) ) at V(VCC) = V(PVCC) = 16.8 V
254
µA
current
ACP and ACN quiescent
I(ACP,ACN) = ( I(ACP) + I(ACN) ) at V(ACP) = V(ACN) = V(VCC) = V(PVCC) =
I(ACP,ACN)
1
µA
current
16.8 V
I(BAT)
BAT quiescent current
I(BAT) at V(BAT) = V(VCC) = V(PVCC) = 16.8 V
17
µA
SRP and SRN quiescent
I(SRP,SRN) = ( I(SRP) + I(SRN) ) at V(SRP) = V(SRN) = V(VCC) = V(PVCC) =
I(SRP,SRN)
1
µA
current
16.8 V
SYNN and SYNP quiescent
I(SYNN,SYNP) = ( I(SYNN) + I(SYNP) ) at V(SYNP) = V(SYNN) = V(VCC) =
I(SYNN,SYNP)
1
µA
current
V(PVCC) = 16.8 V
I(SYS)
SYS quiescent current
I(SYS) at V(SYS) = V(VCC) = V(PVCC) = 16.8 V
25
µA
I(PH)
PH quiescent current
I(PH) at V(PH) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(BTST)
BTST quiescent current
I(BTST) at V(BTST) = V(VCC) = V(PVCC) = 16.8 V
1
µA
QUIESCENT CURRENT – ADAPTER CONNECTED AND READY TO CHARGE
VCC and PVCC quiescent
I(VCC,PVCC)
I(VCC,PVCC) = (I(VCC) + I(PVCC) at V(VCC) = V(PVCC) = 16.8 V
4.45
mA
current
ACP and ACN quiescent
I(ACP,ACN) = (I(ACP) + I(ACN) ) at V(ACP) = V(ACN) = V(VCC) = V(PVCC) =
I(ACP,ACN)
815
µA
current
16.8 V
I(BAT)
BAT quiescent current
I(BAT) at V(BAT) = V(VCC) = V(PVCC) = 16.8 V
500
µA
SRP and SRN quiescent
I(SRP,SRN) = ( I(SRP) + I(SRN) ) at V(SRP) = V(SRN) = V(VCC) = V(PVCC) =
I(SRP,SRN)
305
µA
current
16.8 V
I(SYNN,SYNP,SYS SYNN, SYNP, and SYS
I(SYNN,SYNP,SYS) = ( I(SYNN) + I(SYNP) + I(SYS) ) at V(SYNP) = V(SYNN) =
321
µA
)
quiescent current
V(SYS) = V(VCC) = V(PVCC) = 16.8 V
I(PH)
PH quiescent current
I(PH) at V(PH) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(BTST)
BTST quiescent current
I(BTST) at V(BTST) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(VCC_SW) = I(VCC)
VCC Current while converter
FPWM = 300 kHz, charger on (CHGEN = LO) = ENABLED
I(VCC_SW)
is switching including gate
Qg at HIDRV = Qg at LODRV = 30 nC, [No Load on VREF5]
25
mA
drive current
Gate drive switching current = Qg
× FPWM = (30nC + 30nC) ×
300kHz = 18mA
5V REFERENCE LDO VOLTAGE AND AC DETECTION STATUS (VREF5, turns-on when AC detected)
Adapter detected (VACDET>V(ACD)), VCC> 7 V
VVREF5
5V Regulator output voltage
4.75
5
5.25
V
0
→ 10 mA, source current
Saturation voltage when
Adapter not detected, (VACDET< V(ACD))
VVREF5_SAT
0.3
V
VREF5 is off
0
→– 10 mA, ac adapter inserted, C
O = 1 µF, discharge Load
IVREF5_LIM
Short-circuit current
V(VREF5) = AGND
20
mA
UNDERVOLTAGE LOCKOUT CIRCUIT
Under voltage lockout
VREF5 rising, POR mode set at VREF5 < V(UVLO)
3.7
V
threshold
UVLO
V(UVLO) hysteresis
VREF5 falling
100
mV
SBS-Like SMBus LOGIC LEVELS
VIL
Input low threshold level
2.7 V < V(pull-up) < 5.5 V, SDA and SCL
0.8
V
VIH
Input high threshold level
2.7 V < V(pull-up) < 5.5 V, SDA and SCL
2.1
V
Ibias
Input bias current
2.7 V < V(pull-up) < 5.5 V, SDA and SCL
1
µA
ALARM OPEN DRAIN OUTPUTS
ALARM output low saturation
V(ALARM_sat)
I(ALARM) = 5mA
0.5
V
level
Ilkg(ALARM)
ALARM leakage current
VALARM = 5V
1
µA
THERMAL SHUTDOWN
T(SHUT)
Thermal shutdown Threshold
TJ rising, Charge disabled at TJ > T(SHUT)
145
°C
T(SHUTH)
Hysteresis
TJ falling, Charge enabled at TJ < T(SHUT)– T(SHUTH)
15
°C
Deglitch time, thermal
TJ rising/falling
8
ms
shutdown
5


Similar Part No. - BQ24721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721 TI-BQ24721 Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721C TI-BQ24721C Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721CRHBR TI-BQ24721CRHBR Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721CRHBRG4 TI-BQ24721CRHBRG4 Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721CRHBT TI-BQ24721CRHBT Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721_07 Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com