Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1836A Datasheet(PDF) 3 Page - Analog Devices

Part # AD1836A
Description  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836A Datasheet(HTML) 3 Page - Analog Devices

  AD1836A Datasheet HTML 1Page - Analog Devices AD1836A Datasheet HTML 2Page - Analog Devices AD1836A Datasheet HTML 3Page - Analog Devices AD1836A Datasheet HTML 4Page - Analog Devices AD1836A Datasheet HTML 5Page - Analog Devices AD1836A Datasheet HTML 6Page - Analog Devices AD1836A Datasheet HTML 7Page - Analog Devices AD1836A Datasheet HTML 8Page - Analog Devices AD1836A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD1836A
AD1836A—SPECIFICATIONS
Table 1. Test conditions, unless otherwise noted. Performance of all channels is identical (exclusive of the Interchannel Gain
Mismatch and Interchannel Phase Deviation specifications).
Parameter
Rating
Supply Voltages (AVDD, DVDD)
5 V
Ambient Temperature
25°C
Master Clock
12.288 MHz (48 kHz fS, 256 × fS Mode)
Input Signal
1.000 kHz, 0 dBFS (Full Scale)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance (Digital Output)
100 pF
Load Impedance (Digital Output)
2.5 kΩ
Input Voltage HI
2.4 V
Input Voltage LO
0.8 V
Rev. 0 | Page 3 of 24


Similar Part No. - AD1836A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
AD1836A AD-AD1836A Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836ACSZ AD-AD1836ACSZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
More results

Similar Description - AD1836A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com