Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP3450G Datasheet(PDF) 81 Page - Micronas

Part # MSP3450G
Description  Multistandard Sound Processor Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3450G Datasheet(HTML) 81 Page - Micronas

Back Button MSP3450G Datasheet HTML 77Page - Micronas MSP3450G Datasheet HTML 78Page - Micronas MSP3450G Datasheet HTML 79Page - Micronas MSP3450G Datasheet HTML 80Page - Micronas MSP3450G Datasheet HTML 81Page - Micronas MSP3450G Datasheet HTML 82Page - Micronas MSP3450G Datasheet HTML 83Page - Micronas MSP3450G Datasheet HTML 84Page - Micronas MSP3450G Datasheet HTML 85Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 106 page
background image
DATA SHEET
MSP 34x0G
Micronas
May 27, 2003; 6251-476-1DS
81
BTSC Characteristics (MSP Standard Code = 20hex, 21hex)
with a minimum IF input signal level of 70 mVpp (measured without any video/chroma signal components)
S/NBTSC
S/N of BTSC Stereo Signal
S/N of BTSC-SAP Signal
DACp_s,
SCn_OUT_s1
64
55
dB
dB
1 kHz L or R or SAP, 100%
modulation, 75
µs deempha-
sis, RMS unweighted 0 to 15
kHz
THDBTSC
THD
+N of BTSC Stereo Signal
THD
+N of BTSC SAP Signal
0.15
0.8
%
%
1 kHz L or R or SAP, 100%
75
µs EIM2), DBX NR or
MNR, RMS unweighted
0 to 15 kHz
fRDBX
Frequency Response of BTSC Ste-
reo, 50 Hz...12 kHz
Frequency Response of BTSC-
SAP, 50 Hz...9 kHz
−1.0
−1.0
1.0
1.0
dB
dB
L or R or SAP,
1%...66% EIM2), DBX NR
fRMNR
Frequency Response of BTSC Ste-
reo, 50 Hz...12 kHz
−2.0
2.0
dB
L or R 5%...66% EIM2), MNR
Frequency Response of BTSC-
SAP, 50 Hz...9 kHz
−2.0
2.0
dB
SAP, white noise, 10% Modu-
lation, MNR
XTALKBTSC
Stereo
→ SAP
SAP
→ Stereo
75
75
dB
dB
1 kHz L or R or SAP, 100%
modulation, 75
µs deempha-
sis, Bandpass 1 kHz
SEPDBX
Stereo Separation DBX NR
50 Hz...10 kHz
50 Hz...12 kHz
35
30
dB
dB
L or R 1%...66% EIM2), DBX
NR
SEPMNR
Stereo Separation MNR
30
dB
L = 300 Hz, R = 3.1 kHz
14% Modulation, MNR
1) “n” means “1” or “2”;
“s” means “L” or “R”;
“p” means “M” or “A”
2) EIM refers to 75-
µs Equivalent Input Modulation. It is defined as the audio-signal level which results in a stated percentage modulation,
when the DBX encoding process is replaced by a 75-
µs preemphasis network.
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.


Similar Part No. - MSP3450G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSP345 MICROSEMI-MSP345 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
logo
Micronas
MSP3451G MICRONAS-MSP3451G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP3451G MICRONAS-MSP3451G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
logo
List of Unclassifed Man...
MSP3455G ETC-MSP3455G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3457G MICRONAS-MSP3457G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

Similar Description - MSP3450G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com