Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP3450G Datasheet(PDF) 78 Page - Micronas

Part # MSP3450G
Description  Multistandard Sound Processor Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3450G Datasheet(HTML) 78 Page - Micronas

Back Button MSP3450G Datasheet HTML 74Page - Micronas MSP3450G Datasheet HTML 75Page - Micronas MSP3450G Datasheet HTML 76Page - Micronas MSP3450G Datasheet HTML 77Page - Micronas MSP3450G Datasheet HTML 78Page - Micronas MSP3450G Datasheet HTML 79Page - Micronas MSP3450G Datasheet HTML 80Page - Micronas MSP3450G Datasheet HTML 81Page - Micronas MSP3450G Datasheet HTML 82Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
MSP 34x0G
DATA SHEET
78
May 27, 2003; 6251-476-1DS
Micronas
CROSSTALK Specifications
XTALK
Crosstalk Attenuation
Input Level =
−3 dB,
fsig = 1 kHz, unused analog
inputs connected to ground
by Z < 1 k
between left and right channel within
SCART Input/Output pair (L
→R, R→L)
SCn_IN
→ SCn_OUT1)
SC1_IN or SC2_IN
→ I2S Output
SC3_IN
→ I2S Output
I2S Input
→ SCn_OUT1)
80
80
80
80
dB
dB
dB
dB
unweighted
20 Hz...20 kHz
between left and right channel within
Main or AUX Output pair
I2S Input
→ DACp1)
75
dB
unweighted
20 Hz...16 kHz
between SCART Input/Output pairs
D = disturbing program
O = observed program
D: MONO/SCn_IN
→ SCn_OUT
O: MONO/SCn_IN
→ SCn_OUT1)
D: MONO/SCn_IN
→ SCn_OUT or unsel.
O: MONO/SCn_IN
→ I2S Output
D: MONO/SCn_IN
→ SCn_OUT
O: I2S Input
→ SCn_OUT1)
D: MONO/SCn_IN
→ unselected
O: I2S Input
→ SC1_OUT1)
100
95
100
100
dB
dB
dB
dB
(unweighted
20 Hz...20 kHz
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
Crosstalk between Main and AUX Output pairs
I2S Input
→ DACp1)
90
dB
(unweighted
20 Hz...16 kHz)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
XTALK
Crosstalk from Main or AUX Output to SCART Output
and vice versa
D = disturbing program
O = observed program
D: MONO/SCn_IN/DSP
→ SCn_OUT
O: I2S Input
→ DACp1)
D: MONO/SCn_IN/DSP
→ SCn_OUT
O: I2S Input
→ DACp1)
D: I2S Input
→ DACp
O: MONO/SCn_IN
→ SCn_OUT1)
D: I2S Input
→ DACM
O: I2S Input
→ SCn_OUT1)
80
85
95
95
dB
dB
dB
dB
(unweighted
20 Hz...20 kHz)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
SCART output load resis-
tance 10 k
SCART output load resis-
tance 30 k
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.


Similar Part No. - MSP3450G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSP345 MICROSEMI-MSP345 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
logo
Micronas
MSP3451G MICRONAS-MSP3451G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP3451G MICRONAS-MSP3451G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
logo
List of Unclassifed Man...
MSP3455G ETC-MSP3455G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3457G MICRONAS-MSP3457G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

Similar Description - MSP3450G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com