Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-15-50SMA-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFP-15-50SMA-A
Description  Cable & Coaxial Terminations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RFP-15-50SMA-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFP-15-50SMA-A Datasheet HTML 1Page - List of Unclassifed Manufacturers RFP-15-50SMA-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cable & Coaxial Terminations
General Notes:
1. Resistance Tolerance: Standard tolerance is ± 5%.
2. Mechanical Tolerance: ± 0.010 unless otherwise
specified.
3. Custom mechanical configurations available upon
request.
4. All connectors are female, unless otherwise requested.
5. All dimensions are in inches.
Suggested Mounting Procedures:
1. Make sure that the devices are mounted on flat
surfaces to optimize the heat transfer (0.001 in/in
under the device).
2. Drill and tap the heatsink for the appropriate thread
size to be used.
3. Coat heatsink with a minimum amount of high quality
silicone grease (0.001 in/in maximum thickness).
4. Position device on mounting surface and secure using
socket head screws, flat and split washers. Torque
screws to the appropriate value. Make sure that the
device is flat against the heatsink.
4.6.3
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Power Derating:
RF Power terminations can be derated for flange tem-
peratures up to 150°C. (see chart). This will provide the
user with improved reliability and a wide margin of
performance under strin-
gent operating conditions.
This is a result of a propri-
etary thick film process
allowing for maximum heat
transfer from the film to the
BeO substrate.
Power
RFP-15-50SMA-A
Components Inc.
(2 PLACES)
.200 x .140 THRU.
.250
.190
.380
.500
Power
RFP-100-50SMA-B
Components Inc.
.125
.625
(4 PLACES)
.125 DIA. THRU.
.562
.090
.250
.960
Part Number
Power
VSWR
Freq.
(Watts)
(Max.)
(GHz)
RFP-15-50SMA-A
15
1.25:1
DC-3
Part Number
Power
VSWR
Freq.
(Watts)
(Max.)
(GHz)
RFP-50-50SMA-B
50
1.25:1
DC-3
RFP-100-50SMA-B
100
1.25:1
DC-3
Case Style A
Case Style B
Coaxial Terminations


Similar Part No. - RFP-15-50SMA-A

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-150-100RCGF-S ANAREN-RFP-150-100RCGF-S Datasheet
272Kb / 2P
   Flanged Resistor 150 Watts, 100Ohms
RFP-150-100RCGN-S ANAREN-RFP-150-100RCGN-S Datasheet
241Kb / 2P
   Flangeless Resistor 150 Watts, 100Ohms
RFP-150-100RL ANAREN-RFP-150-100RL Datasheet
518Kb / 2P
   Flanged Resistors
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
   Flanged Terminations
RFP-150-50TCGF-S ANAREN-RFP-150-50TCGF-S Datasheet
351Kb / 2P
   Full Flange Termination 150 Watts, 50Ohms
More results

Similar Description - RFP-15-50SMA-A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BBAI-1203 ITT-BBAI-1203 Datasheet
98Kb / 1P
   Coaxial Terminations, 1 and 2 Point Direct PCB
logo
Hirose Electric
HV-TMP HIROSE-HV-TMP Datasheet
165Kb / 2P
   DC to 65 GHz HV Coaxial Connector Plug Terminations
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com