Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML3406N18MRG Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML3406N18MRG
Description  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406N18MRG Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML3406N18MRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 9Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 10Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 11Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 / 12
Rev. E, Sep 2005
ML3406
Application Information (3)
Thermal Considerations
In most applications the ML3406 does not dissipate much
heat due to its high efficiency. But, in applications where
the ML3406 is running at high ambient temperature with
low supply voltage and high duty cycles, such as in
dropout, the heat dissipated may exceed the maximum
junction
temperature
of
the
part.
If
the
junction
temperature reaches approximately 150°C, both power
switches will be turned off and the SW node will become
high impedance.
To avoid the ML3406 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum
junction
temperature
of
the
part.
The
temperature rise is given by:
TR = (PD)(ѲJA)
Where PD is the power dissipated by the regulator and ѲJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
Where TA is the ambient temperature.
As an example, consider the ML3406 in dropout at an
input voltage of 2.7V, a load current of 600mA and an
ambient
temperature
of
70°C.
From
the
typical
performance graph of switch resistance, the RDS(ON) of the
P-channel switch at 70°C is approximately 0.52Ω.
Therefore, power dissipated by the part is:
PD = ILOAD
2
· RDS(ON) =
187.2mW
For the SOT-23 package, the ѲJA is 250°C/W. Thus, the
junction temperature of the regulator is:
TJ = 70°C + (0.1872)(250) = 116.8°C
Which is below the maximum junction temperature of
125°C
Note that at higher supply voltages, the junction
temperature is lower due to reduced switch resistance
(RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When a
load step occurs, VOUT immediately shifts by an amount
equal to (
ILOAD ESR), where ESR is the effective series
resistance of COUT,
ILOAD also begins to charge or
discharge COUT, which generates a feedback error signal.
The regulator loop then acts to return VOUT to its
steady-state value. During this recovery time VOUT can be
monitored for overshoot or ringing that would indicate a
stability problem. For a detailed explanation of switching
control loop theory.
A second, more severe transient is caused by switching in
loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 CLOAD).
Thus, a 10µF capacitor charging to 3.3v would require a
250µs rise time, limiting the charging current to about
130mA.
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy materials
are small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. The choice of which style inductor
to use often depends more on the price vs size
requirements than on what the ML3406 requires to
operate. Table 1 shows some typical surface mount
inductors that work well in ML3406 applications.


Similar Part No. - ML3406N18MRG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Similar Description - ML3406N18MRG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com