Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML3406NFBMRG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML3406NFBMRG
Description  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406NFBMRG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML3406NFBMRG Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 9Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 10Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 / 12
Rev. E, Sep 2005
ML3406
Application Information (2)
Using
Ceramic
Input
and
Output
Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for
switching
regulator
applications.
Because
the
ML3406’s control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input and the output. When a ceramic
capacitor is used at the input and the power is supplied by
a wall adapter through long wires, a load step at the output
can induce ringing at the input, VIN. At best, this ringing
can couple to the output and be mistaken as loop
instability. At worst, a sudden inrush of current through the
long wires can potentially cause a voltage spike at VIN,
large enough to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage
characteristics of all the ceramics for a given value and
size.
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% - ( L1 + L2 + L3 +…)
Where L1, L2, etc. are the individual losses as a
percentage of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of
losses in ML3406 circuits: VIN quiescent current and 1
2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents where as the 1
2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of no consequence as illustrated in Figure 6.
Figure 6
1. The
VIN quiescent current is due to two components:
the DC bias current as given in the electrical
characteristics and the internal main switch and
synchronous switch gate charge currents. The gate
charge
current
results
form
switching
the
gate
capacitance of the internal power MOSFET switches.
Each time the gate is switched form high to low to high
again, a packet of charge, dQ, moves from VIN to
ground. The resulting dQ/dt is the current out of VIN that
is typically larger than the DC bias current. In
continuous mode, IGATECHG=f(QT+QB) where QT and QB
are the gate charges of the internal top and bottom
switches. Both the DC bias and gate charge losses are
proportional to Vin and thus their effects will be more
pronounced at higher supply voltages.
2. I
2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS (ON) TOP)(DC)+(RDS (ON)BOT) (1-DC)
3. The RDS (ON) for both the top and bottom MOSFETs
can be obtained from
the Typical Performance
Characteristics curves. Thus, to obtain 1
2R losses,
simply add RSW to RL and multiply the result by the
square of the average output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for
less than 2% total additional loss.


Similar Part No. - ML3406NFBMRG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Similar Description - ML3406NFBMRG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com