Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA78101ZAN Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MA78101ZAN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MA78101ZAN Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MA78101ZAN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MA78101ZAN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MA78101ZAN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MA78101ZAN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MA78101ZAN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MA78101ZAN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MB20 ~ 29 SERIES, P90 ± 30 – CASE SIZE 2
APPLICATION SPECIFIC CAPACITORS
MINIATURE MICROWAVE CERAMIC CAPACITORS
MB Case Size 2 Series
122
CG01-J
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
0R4
0.4
B,C
1000
0R5
0.5
B,C,D
1000
0R6
0.6
1000
0R7
0.7
1000
0R8
0.8
1000
0R9
0.9
1000
1R0
1.0
1000
1R1
1.1
1000
1R2
1.2
1000
1R3
1.3
1000
1R4
1.4
1000
1R5
1.5
1000
1R6
1.6
1000
1R7
1.7
1000
1R8
1.8
1000
1R9
1.9
1000
2R0
2.0
1000
2R1
2.1
1000
2R2
2.2
1000
2R4
2.4
1000
2R7
2.7
1000
3R0
3.0
1000
3R3
3.3
1000
3R6
3.6
1000
3R9
3.9
1000
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
470
47
F,G,J,K,M
300
510
51
300
560
56
300
620
62
300
680
68
100
750
75
100
820
82
100
910
91
100
101
100
100
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
4R3
4.3
B,C,D
1000
4R7
4.7
1000
5R1
5.1
1000
5R6
5.6
1000
6R2
6.2
1000
6R8
6.8
B,C,J,K,M
1000
7R5
7.5
1000
8R2
8.2
1000
9R1
9.1
1000
100
10
F,G,J,K,M
500
110
11
500
120
12
500
130
13
500
150
15
500
160
16
500
180
18
500
200
20
500
220
22
500
240
24
500
270
27
500
300
30
500
330
33
500
360
36
500
390
39
500
430
43
500
*@ 125°C


Similar Part No. - MA78101ZAN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA781 PANASONIC-MA781 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
More results

Similar Description - MA78101ZAN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
List of Unclassifed Man...
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R9CC-W TAIYO-YUDEN-TVS042CG1R9CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R1CC-W TAIYO-YUDEN-TVS042CG3R1CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R3CC-W TAIYO-YUDEN-TVS042CG3R3CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com