Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT8028C-008 Datasheet(PDF) 2 Page - Integral Corp.

Part # BT8028C-008
Description  SIMPLE MELODY GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

BT8028C-008 Datasheet(HTML) 2 Page - Integral Corp.

  BT8028C-008 Datasheet HTML 1Page - Integral Corp. BT8028C-008 Datasheet HTML 2Page - Integral Corp. BT8028C-008 Datasheet HTML 3Page - Integral Corp. BT8028C-008 Datasheet HTML 4Page - Integral Corp. BT8028C-008 Datasheet HTML 5Page - Integral Corp. BT8028C-008 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BT8028-xx
APPLICATION CIRCUITS
LEVEL HOLD
1
2
3
4
5
6
7
MT
T EST
OSC
VSS
VCC
BD
BDN
1.5V
or 3.0V
+
-
K1
1
2
3
4
5
6
7
MT
TEST
OSC
VSS
VCC
BD
BDN
1.5V
or 3.0V
K1
ONE SHOT
1
2
3
4
5
6
7
MT
TEST
OSC
VSS
VCC
BD
BDN
1.5V
or 3.0V
K1
1
2
3
4
5
6
7
MT
TEST
OSC
VSS
VCC
BD
BDN
1.5V
or 3.0V
K1
TO-92 ONE SHOT OR LEVEL HOLD MODE
CHIP
FORM
2


Similar Part No. - BT8028C-008

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
More results

Similar Description - BT8028C-008

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
UM338 ETC2-UM338 Datasheet
359Kb / 5P
   Simple Melody Generator
UM3161G ETC2-UM3161G Datasheet
94Kb / 1P
   Simple Melody Generator
logo
KODENSHI_AUK CORP.
KK8028-XX KODENSHI-KK8028-XX Datasheet
187Kb / 6P
   SIMPLE MELODY GENERATOR
logo
Micro Electronics
M66T MICRO-ELECTRONICS-M66T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
M67T MICRO-ELECTRONICS-M67T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
logo
UMC Corporation
UM66T UMC-UM66T Datasheet
288Kb / 4P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
BT66T ETC1-BT66T Datasheet
84Kb / 3P
   SIMPLE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com