Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T50Q6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T50Q6F
Description  Serial Access Digital Input Real-Time Clock with Alarms
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T50Q6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T50Q6F Datasheet HTML 5Page - STMicroelectronics M41T50Q6F Datasheet HTML 6Page - STMicroelectronics M41T50Q6F Datasheet HTML 7Page - STMicroelectronics M41T50Q6F Datasheet HTML 8Page - STMicroelectronics M41T50Q6F Datasheet HTML 9Page - STMicroelectronics M41T50Q6F Datasheet HTML 10Page - STMicroelectronics M41T50Q6F Datasheet HTML 11Page - STMicroelectronics M41T50Q6F Datasheet HTML 12Page - STMicroelectronics M41T50Q6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
M41T50
Figure 8. READ Mode Sequence
Figure 9. Alternative READ Mode Sequence
WRITE Mode
In this mode the master transmitter transmits to
the M41T50 slave receiver. Bus protocol is shown
in Figure 10., page 10. Following the START con-
dition and slave address, a logic '0' (R/W=0) is
placed on the bus and indicates to the addressed
device that word address “An” will follow and is to
be written to the on-chip address pointer. The data
word to be written to the memory is strobed in next
and the internal address pointer is incremented to
the next address location on the reception of an
acknowledge clock. The M41T50 slave receiver
will send an acknowledge clock to the master
transmitter after it has received the slave address
see Figure 7., page 8 and again after it has re-
ceived the word address and each data byte.
AI00899
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS
S
SLAVE
ADDRESS
AI00895
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
SLAVE
ADDRESS


Similar Part No. - M41T50Q6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
   512 bit 64b x8 Serial Access TIMEKEEPER SRAM
M41T56 STMICROELECTRONICS-M41T56 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T56C64MY6E STMICROELECTRONICS-M41T56C64MY6E Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T56C64MY6F STMICROELECTRONICS-M41T56C64MY6F Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
More results

Similar Description - M41T50Q6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
   Serial real-time clock with alarms
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com