Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM4954 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM4954
Description  HIgh Voltage 3 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 6 page
background image
Typical Performance Characteristics
THD+N vs Output Power
V
DD = 7V, RL =8
Ω,A
V = 6dB,
f = 1kHz, 80kHz BW
THD+N vs Frequency
V
DD = 7V, RL =8
Ω,A
V = 6dB,
P
OUT = 600mW, 80kHz BW
20129163
20129134
THD+N vs Output Power
V
DD = 7V, RL =8
Ω,A
V = 26dB,
f = 1kHz, 80kHz BW
THD+N vs Frequency
V
DD = 7V, RL =8
Ω,A
V = 26dB,
P
OUT = 600mW, 80kHz BW
20129164
20129135
THD+N vs Output Power
V
DD = 5V, RL =4
Ω,A
V = 6dB,
f = 1kHz, 80kHz BW
THD+N vs Frequency
V
DD = 5V, RL =4
Ω,A
V = 6dB,
P
OUT = 100mW, 80kHz BW
20129155
20129132
www.national.com
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM4804Low Voltage High Power Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
NJM2113LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 New Japan Radio
UTCLM386LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 Unisonic Technologies
HWD21901 Watt Audio Power Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM49272.5 Watt Fully Differential Audio Power Amplifier With Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
MJE170Low Power Audio Amplifier Low Current High Speed Switching Applications 1 2 3 4 5 Fairchild Semiconductor
NJM2135LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 5 New Japan Radio
NTE180Silicon Power Transistor High Power Audio Amplifier 1 2 NTE Electronics
NTE7088Integrated Circuit Audio Power Amplifier 18 Watt BTL x 2 Channel 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl