Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHF58230 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHF58230
Description  RADIATION GARDENED POWER MOSFET THRU-HOLE (TO-39)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF58230 Datasheet(HTML) 1 Page - International Rectifier

  IRHF58230 Datasheet HTML 1Page - International Rectifier IRHF58230 Datasheet HTML 2Page - International Rectifier IRHF58230 Datasheet HTML 3Page - International Rectifier IRHF58230 Datasheet HTML 4Page - International Rectifier IRHF58230 Datasheet HTML 5Page - International Rectifier IRHF58230 Datasheet HTML 6Page - International Rectifier IRHF58230 Datasheet HTML 7Page - International Rectifier IRHF58230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
7.3
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
4.5
IDM
Pulsed Drain Current ➀
29
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
110
mJ
IAR
Avalanche Current ➀
7.3
A
EAR
Repetitive Avalanche Energy ➀
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
7.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead
Temperature
300 (0.063 in./1.6mm from case for 10s)
Weight
0.98 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space appli-
cations. These devices have been characterized for
Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of paral-
leling and temperature stability of electrical param-
eters.
oC
A
RADIATION HARDENED
IRHF57230
POWER MOSFET
THRU-HOLE (TO-39)
07/15/02
www.irf.com
1
200V, N-CHANNEL
c
TECHNOLOGY
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHF57230
100K Rads (Si)
0.22
7.3A
IRHF53230
300K Rads (Si)
0.22
7.3A
IRHF54230
600K Rads (Si)
0.22
7.3A
IRHF58230
1000K Rads (Si)
0.275
Ω 7.3A
Features:
n Single Event Effect (SEE) Hardened
n Ultra Low RDS(on)
n Neutron Tolerant
n Identical Pre- and Post-Electrical Test Conditions
n Repetitive Avalanche Ratings
n Dynamic dv/dt Ratings
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
For footnotes refer to the last page
4
4#
TO-39
PD - 93788A


Similar Part No. - IRHF58230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF58034 IRF-IRHF58034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF58034CM IRF-IRHF58034CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHF58130 IRF-IRHF58130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF58Z30 IRF-IRHF58Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF58Z30CM IRF-IRHF58Z30CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results

Similar Description - IRHF58230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57Z30 IRF-IRHF57Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57130 IRF-IRHF57130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com