Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPT670-J+J Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LOPT670-J+J
Description  Multi TOPLED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOPT670-J+J Datasheet(HTML) 4 Page - OSRAM GmbH

  LOPT670-J+J Datasheet HTML 1Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 2Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 3Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 4Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 5Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 6Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 7Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 8Page - OSRAM GmbH LOPT670-J+J Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet
4
1999-06-30
Opto Semiconductors
LSG T670, LSP T670, LSY T670, LOP T670, LYG T670, LYP T670
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-Board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm 2)
R
th JA
1)
R
th JA
2)
480
650
K/W
K/W
*) PC-board: FR4
1)
nur ein Chip betrieben
1)
one system only
2)
beide Chips betrieben
2)
both systems on simultaneously
Notes
Die angegebenen Grenzdaten gelten für einen Chip.
The stated maximum ratings refer to one chip.


Similar Part No. - LOPT670-J+J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOPT670-FJ SIEMENS-LOPT670-FJ Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-G SIEMENS-LOPT670-G Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-GK SIEMENS-LOPT670-GK Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-H SIEMENS-LOPT670-H Datasheet
491Kb / 8P
   Multi TOPLED
More results

Similar Description - LOPT670-J+J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
SFH331 OSRAM-SFH331_01 Datasheet
131Kb / 8P
   SMT Multi TOPLED
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
   SMT Multi TOPLED
LOGT671 SIEMENS-LOGT671 Datasheet
486Kb / 7P
   Multi TOPLED Bright Green Die
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT677 SIEMENS-LSGT677 Datasheet
484Kb / 7P
   Multi TOPLED Cathodes On One Side
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com