Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62342P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62342P
Description  8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62342P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62342P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62342P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62342P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62342P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62342P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
(
/ 5 )
MITSUBISHI ELECTRIC
2000-8-31.revB
MITSUBISHI <STD. LINEAR ICs>
M62342P,FP
8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
5
PRECAUTION FOR USE
Supply voltage terminal(Vcc) is also used for D-A converter upper reference
voltage setting. IF ripple or spike is input this terminal,accuracy of D-A conversion
is down. So,when use this device,please connect capacitor among Vcc to GND for
stable D-A conversion.
This IC's output amplifier has an advantage to capacitive load.So it's no problem
at device action when connect capacitor (0.1µF MAX) among output to GND for
every noise eliminate.
< Standard application circuit >
GND
MCU
8
7
6
5
Analog output
terminals
CLK
DI
VCC
1
2
3
Ao1
Ao2
10µF
5V
LD
4
• Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better
andmore reliable, but there is always the possibility that trouble may occur with them. Trouble
withsemiconductors may lead to personal injury,fire or property damage.
Remember to give due
considerationto safety when making your circuit design, in order to prevent fires from spreading, redundancy,
malfunctionor other mishap.
Keep safety first in your circuit designs!


Similar Part No. - M62342P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62342P RENESAS-M62342P Datasheet
125Kb / 9P
   8-Bit D/A Converter (Buffered)
M62342P RENESAS-M62342P_15 Datasheet
167Kb / 9P
   8-Bit D/A Converter (Buffered)
More results

Similar Description - M62342P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
R2A20162NS RENESAS-R2A20162NS_15 Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
R2A20162NS RENESAS-R2A20162NS Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
   8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com