Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4631DDAR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4631DDAR
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4631DDAR Datasheet(HTML) 5 Page - Texas Instruments

  THS4631DDAR Datasheet HTML 1Page - Texas Instruments THS4631DDAR Datasheet HTML 2Page - Texas Instruments THS4631DDAR Datasheet HTML 3Page - Texas Instruments THS4631DDAR Datasheet HTML 4Page - Texas Instruments THS4631DDAR Datasheet HTML 5Page - Texas Instruments THS4631DDAR Datasheet HTML 6Page - Texas Instruments THS4631DDAR Datasheet HTML 7Page - Texas Instruments THS4631DDAR Datasheet HTML 8Page - Texas Instruments THS4631DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (±15 V GRAPHS)
_
+
THS4631
49.9
50
Ω Source
+15 V
953
499
499
−15 V
49.9
Test Data
Mesurement Point
50
Ω Test
Equipment
CF
RF
RG
0
1
2
3
4
5
6
7
8
9
10
100 k
1 M
10 M
100 M
1 G
VO = 200 mVPP
G = 2, RF = 499 Ω,
RG = 499 Ω
105 MHz
f − Frequency − Hz
CF = 5.6 pF
CF = 0 pF
CF = 8.2 pF
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
100 k
1 M
10 M
100 M
f − Frequency − Hz
CF = 8.2 pF
38 MHz
−10
0
10
20
30
40
50
100 k
1 M
10 M
100 M
1 G
G = 100, RF = 11.3 kΩ, RG = 115 Ω
VO = 200 mVPP
G = 10, RF = 499 Ω,
RG = 54.9 Ω
G = 5, RF = 499 Ω,
RG = 124 Ω
G = 2, RF = 499 Ω,
RG = 499 Ω
G = 1, RF = 0 Ω
105 MHz
f − Frequency − Hz
−5
−4
−3
−2
−1
0
1
2
3
4
5
100 k
1 M
10 M
100 M
1 G
G = −1, RF = 499 Ω,
RG = 499 Ω
CF = 2.2 pF
CF = 0 pF
CF = 5.2 pF
VO = 200 mVPP
f − Frequency − Hz
102 MHz
−10
−8
−6
−4
−2
0
2
4
100 k
1 M
10 M
100 M
1 G
THS4631
+15 V
RL
RISO
−15 V
0
50
Source
G = 1,
RF = 0 Ω,
RL = 1 kΩ
RISO = 50 Ω,
CL = 10 pF
RISO = 30 Ω,
CL = 56 pF
f − Frequency − Hz
RISO = 20 Ω,
CL = 100 pF
CL
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
VO = 0.5 VPP
VO = 2 VPP
f − Frequency − Hz
VO = 5 VPP
105 MHz
THS4631
SLOS451A – DECEMBER 2004 – REVISED MARCH 2005
T
A = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
SMALL SIGNAL FREQUENCY
SMALL SIGNAL FREQUENCY
RESPONSE
RESPONSE
0.1-dB FLATNESS
Figure 1.
Figure 2.
Figure 3.
FREQUENCY RESPONSE
SMALL SIGNAL FREQUENCY
LARGE SIGNAL FREQUENCY
vs
RESPONSE
RESPONSE
CAPACiTIVE LOAD
Figure 4.
Figure 5.
Figure 6.
5


Similar Part No. - THS4631DDAR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631DDA NSC-THS4631DDA Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631DDA TI1-THS4631DDA Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4631DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com