Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWST25X168NICS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RWST25X168NICS
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST25X168NICS Datasheet(HTML) 2 Page - Vishay Siliconix

  RWST25X168NICS Datasheet HTML 1Page - Vishay Siliconix RWST25X168NICS Datasheet HTML 2Page - Vishay Siliconix RWST25X168NICS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 50017
Revision 13-Jan-04
www.vishay.com
62
RWST
Vishay Sfernice
For technical questions, contact sfer@vishay.com
NON INDUCTIVE WINDING
For high frequencies, low self induction resistors are available with special windings.
RWSTNI designation.
MODEL AND
STYLE
Ohmic range
(E12 series)
22Ω
2.5kΩ
RWSTNI
25 x 138
22Ω
4kΩ
RWSTNI
25 x 168
120Ω
6.8kΩ
RWSTNI
30 x 250
120Ω
8.2kΩ
RWSTNI
40 x 370
150Ω
8.2kΩ
RWSTNI
50 x 373
TESTS
CONDI
TIONSREQUIREMENTS
TYPICAL VALUES AND DRIFTS
Short Time Overload
10Pr during 5s
Voltage limited at < 5000V
2% or 0.05Ω
2% or 0.05Ω
Insulation resistance 100MΩ
3% or 0.05Ω
Insulation resistance 100MΩ
2% or 0.05Ω
1% or 0.05Ω
1% or 0.05Ω
1% or 0.05Ω
5%
0.5%
0.5%
0.5%
0.5%
0.25%
0.25%
0.5%
1000h
1%
5000h
2%
– 55°C
+ 200°C
56 days
95% relative humidity
Load at 100% Pr followed by cold
temperature exposure at –55°C/15’
severity 50A
9 shocks/each side
severity 55B
90’/30’ cycle
1000h at Pr 25°C
Climatic
Sequence
Humidity
(
Steady State)
Thermal Shock
Shock
Vibration
Terminal Strength
Load Life
PERFORMANCE
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
MECHANICAL SPECIFICATIONS
Mechanical Protection
Vitreous enamel
Resistive Element
Ni-Cr wire
Connections
CS supporting collars
AN Collar or B
on Request
Average Unit
Weight
225 to 2200g
ENVIRONMENTAL SPECIFICATIONS
Temperature Limits
– 55°C + 450°C
Climatic Category
– 55°C/+ 200°C/56 days
Resistance Range
2.7Ω to 430kΩ
(E12-E24 preferred series values)
Resistance Tolerance
Standard
± 5%
Power
Rating
95W to 800W at 25°C
Temperature Coefficient
75ppm/°C (typical)
Shelf Life
0.1% year (typical)
ELECTRICAL SPECIFICATIONS
RWST STYLE
Designation NF C 93-214
Limiting Element Voltage
Critical
Resistance
25 x 138
95W
110W
2.7Ω
82kΩ
1400V
18kΩ
25 x 168
RB 25 x 168
160W
180W
2.7Ω
100kΩ
1900V
20kΩ
30 x 250
RB 30 x 250
280W
320W
4.7Ω
220kΩ
3000V
30kΩ
40 x 370
500W
600W
8.2Ω
360kΩ
4500V
36kΩ
50 x 373
700W
800W
12Ω
430kΩ
5000V
30kΩ
Power
Rating at 25°C
Maximum Power
Rating at 25°C
P max.
Ohmic
Range
(E12, E24 series)
SPECIAL FEATURES
AN
Traction 40Ncm
B
Torque 60Ncm


Similar Part No. - RWST25X168NICS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST25138A4700JBO1 VISHAY-RWST25138A4700JBO1 Datasheet
147Kb / 5P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision: 12-May-09
RWST25138A48R8JBO1 VISHAY-RWST25138A48R8JBO1 Datasheet
147Kb / 5P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision: 12-May-09
RWST25138AR010JBO1 VISHAY-RWST25138AR010JBO1 Datasheet
147Kb / 5P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision: 12-May-09
RWST25138AR470JBO1 VISHAY-RWST25138AR470JBO1 Datasheet
147Kb / 5P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision: 12-May-09
RWST25138B4700JBO1 VISHAY-RWST25138B4700JBO1 Datasheet
147Kb / 5P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision: 12-May-09
More results

Similar Description - RWST25X168NICS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MC14659 VISHAY-MC14659 Datasheet
147Kb / 5P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision: 12-May-09
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com