Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ811R88RA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ811R88RA
Description  Surface Mount LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ811R88RA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ811R88RA Datasheet HTML 1Page - Panasonic Semiconductor LNJ811R88RA Datasheet HTML 2Page - Panasonic Semiconductor LNJ811R88RA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All prices are in British Pound Sterling and include duties.
uk.digikey.com — FREEPHONE: 0-800-587-0991 • 0-800-904-7786 — FREEFAX: 0-800-587-0992 • 0-800-904-7783
(T043)
000
1164 (UK051)
Absolute Max. Ratings
Io
Rated
Cut Tape
Lighting
Process
(mW) (mA) (V)
(°C)
(mcd)
(mcd)
(mA)
VF(V)
P
Digi-Key
Price Each
Digi-Key
Tape & Reel
Panasonic
Fig.
Color
Lens
Tech.
PD
IF
VR
Topr
Typ.
Min.
IF
Typ.
Max. Typ. Part No.
1
10
100
Part No.
Size
Pricing
Part No.
0402 (1005) Leadless
1
Yellow Green
Y/G Diffused
GaP
40
15
4
-30~85
3.7
2
10
2.03
2.6
565
P591CT-ND
.41
.38
.35
LNJ319G9TRA
High Bright Red
Red Diffused
GaAlAs
40
15
3
-30~85
4.2
2.2
10
1.72
2.5
655
P592CT-ND
.41
.38
.35
LNJ219R9ARA
0603 (1608) Leadless Height=0.4mm
High Bright Red
Red Diffused
GaAlAs
40
15
3
-30~85
6.7
2.2
10
1.72
2.5
655
P11461CT-ND
.21
.19
.17
P11461TR-ND
5,000
62.24/M
LNJ214R8ARA
Orange
Red Diffused
GaAsP
40
15
3
-30~85
1
0.5
10
1.93
2.6
630
P11462CT-ND
.19
.18
.16
P11462TR-ND
5,000
57.29/M
LNJ814R8DRA
2A
Soft Orange
Yellow Diffused
GaAsP
40
15
3
-30~85
1
0.5
10
1.93
2.6
610
P11463CT-ND
.19
.18
.16
P11463TR-ND
5,000
57.29/M
LNJ814K8SRA
Amber
Yellow Diffused
GaAsp
40
15
3
-30~85
1.5
0.6
10
2
2.6
590
P11464CT-ND
.19
.18
.16
P11464TR-ND
5,000
57.29/M
LNJ414K8YRA
Yellow Green
Green Diffused
GaP
40
15
4
-30~85
5
1.8
10
2.03
2.6
565
P11465CT-ND
.18
.16
.15
P11465TR-ND
5,000
52.33/M
LNJ314G8TRA
Ultra Bright InGaAlP LED
Ultra Bright Red
Red Diffused
InGaAlP
40
15
4
-30~85
15
8
10
1.92
2.5
645
P11466CT-ND
.31
.29
.27
P11466TR-ND
5,000
114.57/M
LNJ214R82RA
Orange
Red Diffused
InGaAlP
40
15
4
-30~85
32
17
10
2.03
2.5
630
P11467CT-ND
.31
.29
.27
P11467TR-ND
5,000
114.57/M
LNJ814R83RA
2A
Orange
Red Diffused
InGaAlP
40
15
4
-30~85
30
16
10
1.95
2.5
620
P11468CT-ND
.31
.29
.27
P11468TR-ND
5,000
114.57/M
LNJ814R88RA
Soft Orange
Yellow Diffused
InGaAlP
40
15
4
-30~85
21
8.7
10
1.95
2.5
615
P11469CT-ND
.31
.29
.27
P11469TR-ND
5,000
114.57/M
LNJ814K87RA
Amber
Yellow Diffused
InGaAlP
40
15
4
-30~85
26
14
10
2.1
2.5
595
P11470CT-ND
.31
.29
.27
P11470TR-ND
5,000
114.57/M
LNJ414K84RA
Yellow Green
Green Diffused
InGaAlP
40
15
4
-30~85
12
6.4
10
2.03
2.5
575
P11471CT-ND
.31
.29
.27
P11471TR-ND
5,000
114.57/M
LNJ314G83RA
0603 (1608) Leadless Height=0.55mm
High Bright Red
Red Diffused
GaAlAs
50
20
3
-30~85
6.7
2.2
10
1.72
2.5
655
P11133CT-ND
.18
.17
.16
P11133TR-ND
5,000
57.29/M
LNJ212R8ARA
Orange
Orange Diffused
GaAsP
50
20
3
-30~85
1
0.4
10
1.93
2.6
630
P11594CT-ND
.18
.16
.15
P11594TR-ND
5,000
52.33/M
LNJ812R8DRA
3
Soft Orange
Yellow Diffused
GaAsP
50
20
3
-30~85
1
0.5
10
1.93
2.6
610
P11472CT-ND
.18
.16
.15
P11472TR-ND
5,000
52.33/M
LNJ812K8SRA
Amber
Yellow Diffused
GaAsP
50
20
4
-30~85
1.5
0.6
5
2
2.6
590
P11135CT-ND
.18
.17
.16
P11135TR-ND
5,000
52.33/M
LNJ412K8YRA
Yellow Green
Green Diffused
Gap
50
20
4
-30~85
5
1.8
5
2.03
2.6
565
P11134CT-ND
.18
.17
.16
P11134TR-ND
5,000
47.37/M
LNJ312G8TRA
Yellow Green
Green Diffused
Gap
30
10
4
-30~85
3
1.8
10
1.9
2.4
565
P11473CT-ND
.16
.15
.13
P11473TR-ND
5,000
47.37/M
LNJ312G8LRA
Ultra Bright InGaAlP / GaN LED
Red
Red Diffused
InGaAlP
55
20
4
-30~85
15
8
10
1.92
2.5
645
P11475CT-ND
.29
.27
.24
P11475TR-ND
5,000
104.66/M
LNJ212R82RA
Orange
Red Diffused
InGaAlP
55
20
4
-30~85
32
17
10
2.03
2.5
630
P11476CT-ND
.29
.27
.24
P11476TR-ND
5,000
104.66/M
LNJ812R83RA
Orange
Red Diffused
InGaAlP
55
20
4
-30~85
30
16
10
1.95
2.5
620
P11477CT-ND
.29
.27
.24
P11477TR-ND
5,000
104.66/M
LNJ812R88RA
Soft Orange
Yellow Diffused
InGaAlP
55
20
4
-30~85
21
7
10
1.95
2.5
615
P11478CT-ND
.29
.27
.24
P11478TR-ND
5,000
104.66/M
LNJ812K87RA
Amber
Yellow Diffused
InGaAlP
55
20
4
-30~85
26
14
10
2.1
2.5
595
P11479CT-ND
.29
.27
.24
P11479TR-ND
5,000
104.66/M
LNJ412K84RA
3
Yellow Green
Green Diffused
InGaAlP
55
20
4
-30~85
12
6.4
20
2.03
2.5
575
P11480CT-ND
.29
.27
.24
P11480TR-ND
5,000
104.66/M
LNJ312G83RA
Pure Green
White Diffused
GaN
40
10
5
-25~85
34
10.3
5
3
3.7
525
P11481CT-ND
2.29
2.15
2.01
P11481TR-ND
5,000
949.58/M
LNJ612W8WRA
Blue
White Diffused
GaN
40
10
5
-25~85
8.5
3.2
5
3.2
3.7
470
P11482CT-ND
2.29
2.15
2.01
P11482TR-ND
2,000
949.58/M
LNJ912W8BRA
White
White Diffused
GaN
40
10
5
-30~85
76
47
10
3.2
3.7
P12023CT-ND
2.70
2.53
2.29
P12023TR-ND
5,000
996.40/M
LNJ012X8BRA
0603 (1608) Leadless Height=0.8mm
High Bright Red
Red Diffused
GaAlAs
50
20
3
-30~85
6.7
2.2
10
1.72
2.5
660
P524CT-ND
.18
.17
.16
P524TR-ND
4,000
62.79/M
LNJ208R8ARA
Orange
Orange Diffused
GaAsP
30
10
3
-30~85
1.1
0.4
5
1.8
2.4
630
P523CT-ND*
.18
.17
.16
P523TR-ND*
4,000
57.29/M
LNJ808R8ERA
Soft Orange
Yellow Diffused
GaAsP
50
20
3
-30~85
1
0.4
10
1.93
2.6
610
P11132CT-ND
.18
.17
.16
P11132TR-ND
4,000
57.29/M
LNJ808K8SRA
Amber
Yellow Diffused
GaAsP
50
20
4
-30~85
1.5
0.6
10
2
2.6
590
P11129CT-ND
.18
.17
.16
P11129TR-ND
4,000
57.29/M
LNJ408K8YRA
2B
Amber
Yellow Diffused
GaAsP
30
10
4
-30~85
0.9
0.4
5
1.9
2.4
590
P522CT-ND*
.18
.17
.16
P522TR-ND*
4,000
57.29/M
LNJ408K8ZRA
Yellow Green
Green Diffused
GaP
50
20
4
-30~85
5
1.8
10
2.03
2.6
565
P525CT-ND
.18
.17
.16
P525TR-ND
4,000
52.33/M
LNJ308G8TRA
Yellow Green
Green Diffused
GaP
30
10
4
-30~85
2.1
0.7
5
1.9
2.4
565
P521CT-ND*
.18
.17
.16
P521TR-ND*
4,000
52.33/M
LNJ308G8LRA
Green
Green Diffused
GaP
60
20
4
-25~85
2.1
1.1
10
2.1
2.6
560
P11484CT-ND
.16
.15
.13
LNJ308G84RA
Pure Green
Green Diffused
GaP
50
20
4
-25~85
0.7
0.25
10
2.03
2.6
555
P11485CT-ND
.19
.18
.16
P11485TR-ND
4,000
62.79/M
LNJ308G8PRA
Ultra Bright InGaAlP LED
Ultra Bright Red
Red Diffused
InGaAlP
55
20
4
-25~85
15
8
10
1.92
2.5
645
P11486CT-ND
.29
.27
.24
P11486TR-ND
4,000
115.12/M
LNJ208R82RA
Orange
Red Diffused
InGaAlP
55
20
4
-25~85
32
17
10
2.03
2.5
630
P11487CT-ND
.29
.27
.24
P11487TR-ND
4,000
115.12/M
LNJ808R83RA
2B
Orange
Red Diffused
InGaAlP
50
20
4
-25~85
6.5
2.5
10
1.9
2.3
620
P11131CT-ND
.29
.27
.25
P11131TR-ND
4,000
115.12/M
LNJ808R88RA
Soft Orange
Yellow Diffused
InGaAlP
55
20
4
-25~85
21
7
10
1.95
2.5
615
P11488CT-ND
.29
.27
.24
P11488TR-ND
4,000
115.12/M
LNJ808K87RA
Amber
Yellow Diffused
InGaAlP
50
20
4
-25~85
10.5
4
10
2
2.3
595
P11130CT-ND
.29
.27
.25
P11130TR-ND
4,000
115.12/M
LNJ408K84RA
Yellow Green
Green Diffused
InGaAlP
55
20
4
-25~85
12
6.4
10
2.03
2.5
575
P11489CT-ND
.29
.27
.24
P11489TR-ND
4,000
115.12/M
LNJ308G83RA
0805 (2012) J- Lead S-J Type 2mm pitch Taping
Red
Red Diffused
GaP
60
20
4
-25~85
0.4
0.15
10
2.03
2.6
700
P11490CT-ND
.18
.17
.15
P11490TR-ND
6,000
54.53/M
LNJ206R5RRX
High Bright Red
Red Diffused
GaAlAs
60
20
3
-25~85
5
1.7
10
1.72
2.5
660
P11136CT-ND
.18
.17
.16
P11136TR-ND
6,000
62.24/M
LNJ206R5ARA
4
Soft Orange
Yellow Diffused
GaAsP
60
20
3
-25~85
0.8
0.3
10
1.93
2.6
610
P11491CT-ND
.19
.18
.16
P11491TR-ND
6,000
57.29/M
LNJ806K5SRX
Amber
Yellow Diffused
GaAsP
60
20
4
-25~85
1
0.4
10
2
2.6
590
P11492CT-ND
.19
.18
.16
P11492TR-ND
6,000
57.29/M
LNJ406K5YRX
Yellow Green
Green Diffused
GaP
60
20
4
-25~85
2.6
0.9
10
2.03
2.6
565
P11137CT-ND
.18
.17
.16
P11137TR-ND
6,000
54.53/M
LNJ306G5URA
Pure Green
Green Diffused
GaP
60
20
4
-25~85
0.65
0.25
10
2.03
2.6
555
P11493CT-ND
.21
.19
.17
P11493TR-ND
6,000
62.24/M
LNJ306G5PRX
Ultra Bright InGaAlP LED
4
Orange
Red Diffused
InGaAlP
50
20
4
-25~85
5
2
10
1.9
2.3
620
P11494CT-ND
.31
.29
.27
P11494TR-ND
6,000
114.57/M
LNJ806R58RX
Amber
Yellow Diffused
InGaAlP
50
20
4
-25~85
8.5
3.5
10
2
2.3
595
P11495CT-ND
.31
.29
.27
P11495TR-ND
6,000
114.57/M
LNJ406K54RX
0805 (2012) J- Lead S-J Type 4mm pitch Taping
Red
Red Diffused
GaP
60
20
4
-25~85
0.4
0.15
10
2.03
2.6
700
P11496CT-ND
.18
.17
.15
P11496TR-ND
3,000
59.49/M
LNJ206R5RUX
High Bright Red
Red Diffused
GaAlAs
60
20
3
-25~85
5
1.7
5
1.72
2.5
660
P11497CT-ND
.21
.19
.17
P11497TR-ND
3,000
68.30/M
LNJ206R5AUX
4
Soft Orange
Yellow Diffused
GaAsP
60
20
3
-25~85
0.8
0.3
10
1.93
2.6
610
P11498CT-ND
.19
.18
.16
P11498TR-ND
3,000
62.79/M
LNJ806K5SUX
Amber
Yellow Diffused
GaAsP
60
20
4
-25~85
1
0.4
10
2
2.6
590
P11499CT-ND
.19
.18
.16
P11499TR-ND
3,000
62.79/M
LNJ406K5YUX
Yellow Green
Green Diffused
GaP
60
20
4
-25~85
3.5
1.35
10
2.03
2.6
565
P11500CT-ND
.18
.17
.15
P11500TR-ND
3,000
59.49/M
LNJ306G5UUX
Pure Green
Green Diffused
GaP
60
20
4
-25~85
0.65
0.25
10
2.03
2.6
555
P11501CT-ND
.21
.19
.17
P11501TR-ND
3,000
68.30/M
LNJ306G5PUX
Ultra Bright InGaAlP / GaN LED
Orange
Red Diffused
InGaAlP
50
20
4
-25~85
5
2
10
1.9
2.3
620
P11502CT-ND
.31
.29
.27
P11502TR-ND
3,000
126.14/M
LNJ806R58UX
4
Amber
Yellow Diffused
InGaAlP
50
20
4
-25~85
8.5
3.5
10
2
2.3
595
P11503CT-ND
.31
.29
.27
P11503TR-ND
3,000
126.14/M
LNJ406K54UX
Blue
White Diffused
GaN
40
10
5
-25~85
5.5
2
5
3.2
3.7
470
P11504CT-ND
2.29
2.15
2.01
P11504TR-ND
3,000 1043.77/M
LNJ906W5BUX
0805 (2012) Gull Wing S-GW Type 2mm pitch Taping
Red
Red Diffused
GaP
60
20
4
-25~85
0.4
0.15
10
2.03
2.6
700
P490CT-ND
.17
.16
P490TR-ND
6,000
54.53/M
LN1271RTR
5
Ultra Bright Red
Red Diffused
GaAlAs
60
20
3
-25~85
5
1.7
10
1.72
2.5
660
P493CT-ND
.23
.21
P493TR-ND
6,000
62.24/M
LN1271RALTR
Orange
Red Diffused
GaAsP
30
10
3
-30~85
1
0.4
5
1.8
2.4
630
P518CT-ND
.18
.17
.16
P518TR-ND
6,000
65.55/M
LN1871SRTR
12
1.65
0.8
0.8
Polarity Mark
1.0
0.55
1.6
0.8
Fig. 3 — 0603 (1608) Leadless-TSS Type
The chip LEDs have thin, compact features available for surface mount technology. It makes super brightness, has a wide viewing angle and is suitable for
compact and multi-function equipment.
Features: • Compact and thin package • Super bright and high reliability • Surface mount technology available • Wide product range Cleaning: • Avoid using
organic solvents. The surface of the LED may change when organic solvents such as trichloroethylene and acetone come in contact with the surface of the LED.
Surface Mount LEDs
Fig. 2 — 0603 (1608) Leadless-SS Type
1.6
0.8
+
Polarity Mark
1.1
.4
1.65
0.8
0.8
* Low current LED, same brightness as previous design with half the power, ideal for battery powered equipment.
† Thru-Board type
(Continued)
1. Anode
2. Cathode
12
(P591CT-ND)
1. Anode
2. Cathode
2
1
(P592CT-ND)
Fig. 1 — 0402 (1005) Leadless
0.25
0.50
0.18
0.35
1.00
0.50
Anode
Cathode
P11136TR-ND
0.9 1.0
1.9
1.7
0.3
0.5
Fig. 4 — J-Lead-S Type
Anode
Cathode
2.9
1.7
Cathode
(Polarity Reversed on P493CT/TR-ND
and P11505CT/TR-ND)
Anode
5
°
5
°
2
°
2
°
0.11
0.6 0.9
0.05
Fig. 5 — Gull Wing-S Type
2.5
0.9
1.1
0.8
0.8
1.1
.8
Fig. 2A
Fig. 2B
K
p1164-1166 Pan SMT LEDs
3/11/05
5:49 PM
Page 1


Similar Part No. - LNJ811R88RA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ810L6DRA PANASONIC-LNJ810L6DRA Datasheet
34Kb / 1P
   Surface Mounting Chip LED
LNJ812K8SRA PANASONIC-LNJ812K8SRA Datasheet
31Kb / 1P
   LNJ212R8ARA LNJ312G8LRA LNJ312G8TRA LNJ412K8YRA LNJ812R8DRA LNJ812K8SRA
LNJ812R8DRA PANASONIC-LNJ812R8DRA Datasheet
31Kb / 1P
   LNJ212R8ARA LNJ312G8LRA LNJ312G8TRA LNJ412K8YRA LNJ812R8DRA LNJ812K8SRA
More results

Similar Description - LNJ811R88RA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com