Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSR2N7499T2 Datasheet(PDF) 3 Page - International Rectifier

Part # JANSR2N7499T2
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSR2N7499T2 Datasheet(HTML) 3 Page - International Rectifier

  JANSR2N7499T2 Datasheet HTML 1Page - International Rectifier JANSR2N7499T2 Datasheet HTML 2Page - International Rectifier JANSR2N7499T2 Datasheet HTML 3Page - International Rectifier JANSR2N7499T2 Datasheet HTML 4Page - International Rectifier JANSR2N7499T2 Datasheet HTML 5Page - International Rectifier JANSR2N7499T2 Datasheet HTML 6Page - International Rectifier JANSR2N7499T2 Datasheet HTML 7Page - International Rectifier JANSR2N7499T2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRHF57234SE, JANSR2N7499T2
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
For footnotes refer to the last page
Parameter
100K Rads (Si)
Units
Test Conditions ˆ
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
„
2.0
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS= 200V, VGS=0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.402
VGS = 12V, ID = 3.3A
RDS(on)
Static Drain-to-Source
„
VSD
Diode Forward Voltage
„
1.5
V
VGS = 0V, ID = 5.2A
On-State Resistance (TO-39)
0.42
VGS = 12V, ID = 3.3A
Ion
LET
Energy
Range
V
DS (V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS=0V @VGS=-5V
@V
GS=-10V
@V
GS=-15V
@V
GS=-20V
Br
36.7
309
39.5
250
250
250
250
250
I
59.8
341
32.5
250
250
250
250
240
Au
82.3
350
28.4
250
250
225
175
50
0
50
100
150
200
250
300
0
-5
-10
-15
-20
VGS
Br
I
Au


Similar Part No. - JANSR2N7499T2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7491T2 IRF-JANSR2N7491T2 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSR2N7492T2 IRF-JANSR2N7492T2 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSR2N7494U5 IRF-JANSR2N7494U5 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
JANSR2N7495U5 IRF-JANSR2N7495U5 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
JANSR2N7497T2 IRF-JANSR2N7497T2 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results

Similar Description - JANSR2N7499T2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57Z30 IRF-IRHF57Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57130 IRF-IRHF57130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com