Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVCH16543APV Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74LVCH16543APV
Description  3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16543APV Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74LVCH16543APV Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16543APV Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16543APV Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16543APV Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16543APV Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16543APV Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVCH16543A
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
44
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
4
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay,TransparentMode
6.1
1.2
5.4
ns
tPHL
xAx to xBx or xBx to xAx
tPLH
PropagationDelay
7.4
1.5
6.1
ns
tPHL
xLEBA to xAx, xLEAB to xBx
tPZH
OutputEnableTime
7.9
1.2
6.6
ns
tPZL
xCEBA or xCEAB to xAx or xBx
tPZH
OutputEnableTime
7.6
1
6.3
ns
tPZL
xOEBA or xOEAB to xAx or xBx
tPHZ
OutputDisableTime
7.1
1.5
6.6
ns
tPLZ
xCEBA or xCEAB to xAx or xBx
tPHZ
OutputDisableTime
6.9
1.5
6.3
ns
tPLZ
xOEBA or xOEAB to xAx or xBx
tSU
Set-upTime,databefore CE
1.1
1.1
ns
tSU
Set-up Time, data before LE
↑, CE LOW
1.1
1.1
ns
tH
Hold Time, data after CE
1.9
1.9
ns
tH
Hold Time, data after LE
↑, CE LOW
1.9
1.9
ns
tW
Pulse Duration, xLEBA or xLEAB, xCEBA or xCEAB LOW
3.3
3.3
ns
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Similar Part No. - IDT74LVCH16543APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH16543A IDT-IDT74LVCH16543A Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74LVCH16543A RENESAS-IDT74LVCH16543A Datasheet
443Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
More results

Similar Description - IDT74LVCH16543APV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74LVCH16543A RENESAS-IDT74LVCH16543A Datasheet
443Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCHR162245A IDT-IDT74LVCHR162245A Datasheet
103Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCHR162245A RENESAS-IDT74LVCHR162245A Datasheet
486Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCH32245A IDT-IDT74LVCH32245A Datasheet
135Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
74LVCH32245A RENESAS-74LVCH32245A Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com