Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA250TD120U Datasheet(PDF) 6 Page - International Rectifier

Part # GA250TD120U
Description  HALF-BRIDGE IGBT DOUBLE INT-A-PAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA250TD120U Datasheet(HTML) 6 Page - International Rectifier

Back Button GA250TD120U Datasheet HTML 2Page - International Rectifier GA250TD120U Datasheet HTML 3Page - International Rectifier GA250TD120U Datasheet HTML 4Page - International Rectifier GA250TD120U Datasheet HTML 5Page - International Rectifier GA250TD120U Datasheet HTML 6Page - International Rectifier GA250TD120U Datasheet HTML 7Page - International Rectifier GA250TD120U Datasheet HTML 8Page - International Rectifier GA250TD120U Datasheet HTML 9Page - International Rectifier GA250TD120U Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GA250TD120U
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Reverse Bias SOA
Fig. 13 - Typical Forward Voltage Drop vs.
Instantaneous Forward Current
Fig. 14 - Typical Stored Charge vs. dif/dt
0
5000
10000
15000
20000
25000
500
800
1100
1400
1700
2000
f
d i /dt - (A /µs)
I = 50 0A
I = 2 50 A
I = 12 5A
F
F
F
R
J
J
V = 720V
T = 12 5 °C
T = 25 °C
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700

V
= 20V
T
= 125 C
V
measured at terminal(Peak Voltage)
GE
J
CE
o

SAFE OPERATING AREA
V
, Collector-to-Emitter Voltage (V)
CE
10
100
1000
1.0
2.0
3.0
4.0
FM
F o rw ard Volta ge D rop - V
(V )
T = 125 °C
T = 2 5°C
J
J
0
100
200
300
400
500
0
50
100
150
200
250
I
, Collector Current (A)
C

R
= 15Ohm
T
= 150 C
V
= 720V
V
= 15V
G
J
CC
GE
°
RG1=15;RG2 = 0
125


Similar Part No. - GA250TD120U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
More results

Similar Description - GA250TD120U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA200TD120U IRF-GA200TD120U Datasheet
299Kb / 10P
   HALF-BRIDGE IGBT DOUBLE INT-A-PAK
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE" IGBT INT-A-PAK
GA50TS120U IRF-GA50TS120U Datasheet
220Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA200HS60S IRF-GA200HS60S Datasheet
101Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS120U IRF-GA100TS120U Datasheet
269Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA75TS60U IRF-GA75TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA125TS120U IRF-GA125TS120U Datasheet
221Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA400TD25S IRF-GA400TD25S Datasheet
203Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com