Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5406 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1N5406
Description  Axial-Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5406 Datasheet(HTML) 2 Page - ON Semiconductor

  1N5406 Datasheet HTML 1Page - ON Semiconductor 1N5406 Datasheet HTML 2Page - ON Semiconductor 1N5406 Datasheet HTML 3Page - ON Semiconductor 1N5406 Datasheet HTML 4Page - ON Semiconductor 1N5406 Datasheet HTML 5Page - ON Semiconductor 1N5406 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5400 thru 1N5408
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
1N5400
1N5401
1N5402
1N5404
1N5406
1N5407
1N5408
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
Non−repetitive Peak Reverse Voltage
VRSM
100
200
300
525
800
1000
1200
V
Average Rectified Forward Current
(Single Phase Resistive Load,
1/2 in. Leads, TL = 105°C)
IO
3.0
A
Non−repetitive Peak Surge Current
(Surge Applied at Rated Load
Conditions)
IFSM
200 (one cycle)
A
Operating and Storage Junction
Temperature Range
TJ
Tstg
− 65 to +170
− 65 to +175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Unit
Thermal Resistance, Junction−to−Ambient (PC Board Mount, 1/2 in. Leads)
RqJA
53
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Forward Voltage (IF = 3.0 Amp, TA = 25°C)
vF
1.0
V
Reverse Current (Rated DC Voltage)
TA = 25°C
TA = 150°C
IR
10
100
mA
Ratings at 25
°C ambient temperature unless otherwise specified.
60 Hz resistive or inductive loads.
For capacitive load, derate current by 20%.
ORDERING INFORMATION
Device
Package
Shipping
1N5400
Axial Lead
500 Units/Box
1N5400RL
Axial Lead
1200/Tape & Reel
1N5401
Axial Lead
500 Units/Box
1N5401RL
Axial Lead
1200/Tape & Reel
1N5402
Axial Lead
500 Units/Box
1N5402RL
Axial Lead
1200/Tape & Reel
1N5404
Axial Lead
500 Units/Box
1N5404RL
Axial Lead
1200/Tape & Reel
1N5406
Axial Lead
500 Units/Box
1N5406RL
Axial Lead
1200/Tape & Reel
1N5407
Axial Lead
500 Units/Box
1N5407RL
Axial Lead
1200/Tape & Reel
1N5408
Axial Lead
500 Units/Box
1N5408RL
Axial Lead
1200/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 1N5406

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5406 PANJIT-1N5406 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yangzhou yangjie electr...
1N5406 YANGJIE-1N5406 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
Motorola, Inc
1N5406 MOTOROLA-1N5406 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Rugao Dachang Electroni...
1N5406 DACHANG-1N5406 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
SeCoS Halbleitertechnol...
1N5406 SECOS-1N5406 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
More results

Similar Description - 1N5406

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com