Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5152L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5152L
Description  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5152L Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5152L Datasheet HTML 1Page - Microsemi Corporation 2N5152L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/544
Devices
Qualified Level
2N5152
2N5152L
2N5154
2N5154L
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
All Units
Units
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
5.5
Vdc
Collector Current
IC
(3, 4)
2.0
Adc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
1.0
11.8
W
W
Operating & Storage Temperature Range
Tj, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
15
0C/W
1) Derate linearly 5.7 mW/
0C for TA > +250C
2) Derate linearly 66.7 mW/
0C for TC > +250C
3) Derate linearly 80 mW/
0C for TC > +250C
4) This value applies for PW
≤ 8.3 ms, duty cycle ≤ 1%
TO- 5*
2N5152L, 2N5154L
2N5152, 2N5154
TO-39*
(TO-205AD)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 100 mAdc, IB = 0
V(BR)CEO
80
Vdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc, IC = 0
VEB = 5.5 Vdc, IC = 0
IEBO
1.0
1.0
µAdc
mAdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc, VBE = 0
VCE = 100 Vdc, VBE = 0
ICES
1.0
1.0
µAdc
mAdc
Collector-Base Cutoff Current
VCE = 40 Vdc, IB = 0
ICEO
50
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N5152L

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5152L SEMICOA-2N5152L Datasheet
33Kb / 1P
   Chip Type 2C5154 Geometry 9201 Polarity NPN
2N5152L SEMICOA-2N5152L Datasheet
59Kb / 2P
   Type 2N5152L Geometry 9201 Polarity NPN
2N5152L SEMICOA-2N5152L Datasheet
203Kb / 2P
   Silicon PNP Transistor
logo
M/A-COM Technology Solu...
2N5152L MA-COM-2N5152L Datasheet
571Kb / 4P
   NPN Power Silicon Transistor
logo
Semicoa Semiconductor
2N5152L SEMICOA-2N5152L_02 Datasheet
203Kb / 2P
   Silicon PNP Transistor
More results

Similar Description - 2N5152L

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com