Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78002 Datasheet(PDF) 2 Page - NEC

Part # UPD78002
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78002 Datasheet(HTML) 2 Page - NEC

  UPD78002 Datasheet HTML 1Page - NEC UPD78002 Datasheet HTML 2Page - NEC UPD78002 Datasheet HTML 3Page - NEC UPD78002 Datasheet HTML 4Page - NEC UPD78002 Datasheet HTML 5Page - NEC UPD78002 Datasheet HTML 6Page - NEC UPD78002 Datasheet HTML 7Page - NEC UPD78002 Datasheet HTML 8Page - NEC UPD78002 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
µPD780016Y, 780018Y
ORDERING INFORMATION
Part Number
Package
µPD780016YGF-XXX-3BA
100-pin plastic QFP (14
× 20 mm)
µPD780018YGF-XXX-3BA
100-pin plastic QFP (14
× 20 mm)
Remark
XXX indicates ROM code suffix.
78K/0 SERIES DEVELOPMENT
These products are a further development in the 78K/0 Series. The designations appearing inside the boxes are
subseries names.
PD78014Y
PD78018F
PD78014
PD780001
PD780208
PD78044F
PD78024
PD78098
For LV
Low-voltage (1.8 V) operation product of the PD78014, ROM, RAM variations enhanced
A/D, 16-bit timer added to the PD78002
A/D added to the PD78002
I/O, FIP C/D of the PD78044F enhanced, display output total: 53
6-bit U/D counter added to the PD78024, display output total: 34
Basic subseries for FIP driving, display output total: 26
64-pin
64-pin
64-pin
100-pin
80-pin
64-pin
PD78P0914
64-pin
80-pin
78K/0
series
PD780308
PD78064B
PD78064
100-pin
100-pin
100-pin
PD78002
PD78083
PD78018FY
PD78002Y
64-pin
42/44-pin
Basic subseries for control
Internal UART, low-voltage (1.8 V) operation possible
Enhanced SIO of the PD78064, ROM, RAM extended
Reduced EMI noise product of the PD78064
Basic subseries for LCD driving, internal UART
IEBus controller added to the PD78054
PWM output, internal LV digital code decoder, Hsync counter
PD780308Y
PD78064Y
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
Supporting IEBusTM
For driving LCD
For driving FIPTM
PD780024Y
PD780034
PD780024
PD780964
Enhanced A/D of the PD780024
Enhanced serial I/O of the PD78018F. Reduced EMI noise product.
Enhanced A/D of the PD780924
64-pin
64-pin
64-pin
PD780924
PD78014H
PD780034Y
64-pin
64-pin
Internal inverter control circuit and UART. Reduced EMI noise product.
Reduced EMI noise of the PD78018F.
µ
µ
µ
µ
µ
µ
µ
µ
µ
PD78078
PD78070A
PD780018Note
PD78058F
PD78054
PD78078Y
PD78070AY
PD780018YNote
PD78058FY
PD78054Y
For control
Timer added to the PD78054, external interface functions enhanced
ROM-less product for the PD78078
Enhanced serial I/O of the PD78078, functions limited
Reduced EMI noise product of the PD78054
UART and D/A added to the PD78014, enhanced I/O
100-pin
100-pin
100-pin
80-pin
80-pin
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
Y subseries supports I2C bus.
Under mass production
Under development
µ
Note Under planning
µ


Similar Part No. - UPD78002

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78002 NEC-UPD78002 Datasheet
576Kb / 62P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78002 NEC-UPD78002 Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78002 NEC-UPD78002 Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD78002 RENESAS-UPD78002 Datasheet
410Kb / 58P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780021 RENESAS-UPD780021 Datasheet
515Kb / 66P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD78002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com