Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM07N70CP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SSM07N70CP
Description  N-CHENNEL Enhancement-mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSM07N70CP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SSM07N70CP Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM07N70CP Datasheet HTML 2Page - List of Unclassifed Manufacturers SSM07N70CP Datasheet HTML 3Page - List of Unclassifed Manufacturers SSM07N70CP Datasheet HTML 4Page - List of Unclassifed Manufacturers SSM07N70CP Datasheet HTML 5Page - List of Unclassifed Manufacturers SSM07N70CP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.SiliconStandard.com
4 of 6
Fig 5. Maximum Drain Current vs.
Fig 6. Typical Power Dissipation
Case Temperature
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
T c , Case Temperature (
o C)
0
1
10
100
1
10
100
1000
10000
V DS (V)
T c =25
o C
Single Pluse
10us
100us
1ms
10ms
100ms
0
20
40
60
80
100
0
50
100
150
Tc , Case Temperature(
o C)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE PULSE
SSM07N70CP,R-A
3/21/2005 Rev.2.01


Similar Part No. - SSM07N70CP

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SSM0140SPT CHENMKO-SSM0140SPT Datasheet
217Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SSM0160SPT CHENMKO-SSM0160SPT Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SSM01N60 ETC-SSM01N60 Datasheet
106Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM01N60H ETC-SSM01N60H Datasheet
106Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM01N60J ETC-SSM01N60J Datasheet
106Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM07N70CP

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2302 AITSEMI-AM2302 Datasheet
1Mb / 9P
   MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.1
AM2306 AITSEMI-AM2306 Datasheet
703Kb / 8P
   MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.1
AM8205 AITSEMI-AM8205 Datasheet
886Kb / 11P
   MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0 - JUN 2010
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com