Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6610 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6610
Description  9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6610 Datasheet(HTML) 2 Page - Texas Instruments

  PT6610 Datasheet HTML 1Page - Texas Instruments PT6610 Datasheet HTML 2Page - Texas Instruments PT6610 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.ti.com/powertrends
For assistance or to order, call
(800) 531-5782
CHARACTERISTIC
DA T A
0
5
10
15
20
25
30
0
1234
5678
9
5.5V
5.0V
4.5V
Vin
Series
PT6610
Safe Operating Area Curves ( Vin=+5.0V) (See Note B)
PT6613D (Horizontal)
CHARACTERISTIC
DA T A
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT6613, 2.5 VDC
(See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
Specifications (Continued)
Characteristics
PT6610 SERIES
(Ta = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
7.5
G’s
20-2000 Hz, soldered in a PC board
Weight
14
grams
Notes:
(1) The PT6610 Series requires two 330µF electrolytic capacitors (input and output) for proper operation in all applications. The input capacitance must be
rated for a minimum of 1.1Arms of ripple current. See the application note, PT6500/6600 Series Capacitor Recommendations.
(2) ISR will operate down to no load with reduced specifications.
(3) For operation below 0°C, use tantalum capacitors for CIN and COUT.
(4) See Safe Operating Curves, or contact the factory for the appropriate derating.
Ripple vs Output Current
Iout-(Amps)
40
50
60
70
80
90
100
0123
4567
89
IOUT (A)
4.5V
5.0V
5.5V
VIN
0
1
2
3
4
5
6
01
23
456
78
9
IOUT (A)
4.5V
5.0V
5.5V
VIN
20
30
40
50
60
70
80
90
01
23456789
Output Current (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT6610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6610 TI1-PT6610 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
PT6610 TI1-PT6610_08 Datasheet
1Mb / 3P
[Old version datasheet]   Single Device 9A Output
More results

Similar Description - PT6610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
logo
Texas Instruments
PT78HT200 TI-PT78HT200 Datasheet
216Kb / 3P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT300 TI-78HT300 Datasheet
187Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI-78ST200 Datasheet
199Kb / 3P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT205 TI1-PT78HT205 Datasheet
483Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT200 TI1-78HT200_09 Datasheet
501Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com