Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1061N54WX6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM1061N54WX6F
Description  Low Power Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061N54WX6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM1061N54WX6F Datasheet HTML 6Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 7Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 8Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 9Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 10Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 11Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 12Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 13Page - STMicroelectronics STM1061N54WX6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
STM1061
10/21
Figure 13. N-channel Driver Output Current vs. VDS
Figure 14. N-channel Driver Output Current vs. Input Voltage for VDS = 0.5V
Output Voltage: VDS (V)
AI11125b
0
0.01
0.02
0.03
0.04
0.05
0.06
0
0.25
0.5
0.75
1
1.25
1.5
VCC = 3.3V
VCC = 3.0V
VCC = 2.7V
VCC = 2.1V
VCC = 1.5V
VCC = 1.0V
Input Voltage: VCC (V)
AI11126b
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
Temp. (25
°C)
Temp. (85
°C)
Temp. (–40
°C)


Similar Part No. - STM1061N54WX6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061NXXW6F STMICROELECTRONICS-STM1061NXXW6F Datasheet
193Kb / 23P
   Low Power Voltage Detector
STM1061NXXWX6F STMICROELECTRONICS-STM1061NXXWX6F Datasheet
193Kb / 23P
   Low Power Voltage Detector
More results

Similar Description - STM1061N54WX6F

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
   Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com