Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2142H Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2142H
Description  Silicon N Channel Power MOS FET Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2142H Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2142H Datasheet HTML 1Page - Renesas Technology Corp HAT2142H Datasheet HTML 2Page - Renesas Technology Corp HAT2142H Datasheet HTML 3Page - Renesas Technology Corp HAT2142H Datasheet HTML 4Page - Renesas Technology Corp HAT2142H Datasheet HTML 5Page - Renesas Technology Corp HAT2142H Datasheet HTML 6Page - Renesas Technology Corp HAT2142H Datasheet HTML 7Page - Renesas Technology Corp HAT2142H Datasheet HTML 8Page - Renesas Technology Corp HAT2142H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HAT2142H
Rev.5, Sep. 2002, page 3 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
100
V
I
D = 10 mA, VGS = 0
Gate to source breakdown voltage
V
(BR)GSS
± 20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
± 10
µA
V
GS = ±16 V, VDS = 0
Zero gate voltage drain current
I
DSS
1
µA
V
DS = 100 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
2.0
3.5
V
V
DS = 10 V, I D = 1 mA
Static drain to source on state
R
DS(on)
35
44
m
I
D = 5 A, VGS = 10 V
Note4
resistance
R
DS(on)
38
51
m
I
D = 5 A, VGS = 7 V
Note4
Forward transfer admittance
|y
fs|
9
15
S
I
D = 5 A, VDS = 10 V
Note4
Input capacitance
Ciss
2000
pF
V
DS = 10 V
Output capacitance
Coss
175
pF
V
GS = 0
Reverse transfer capacitance
Crss
90
pF
f = 1 MHz
Total gate charge
Qg
32
nc
V
DD = 50 V
Gate to source charge
Qgs
8.0
nc
V
GS = 10 V
Gate to drain charge
Qgd
7.5
nc
I
D = 10 A
Turn-on delay time
t
d(on)
18
ns
V
GS = 10 V, ID = 5 A
Rise time
t
r
11
ns
V
DD ≅ 30 V
Turn-off delay time
t
d(off)
60
ns
R
L = 6 Ω
Fall time
t
f
9
ns
Rg = 4.7
Body–drain diode forward voltage
V
DF
0.82
1.07
V
IF = 10 A, V
GS = 0
Note4
Body–drain diode reverse recovery
time
t
rr
50
ns
IF = 10 A, V
GS = 0
diF/ dt = 100 A/ µs
Notes: 4. Pulse test


Similar Part No. - HAT2142H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2142H RENESAS-HAT2142H Datasheet
90Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H-EL-E RENESAS-HAT2142H-EL-E Datasheet
90Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H_05 Datasheet
90Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H_15 Datasheet
133Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2142H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com