Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4522C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4522C
Description  20-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4522C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT4522C Datasheet HTML 2Page - Texas Instruments PT4522C Datasheet HTML 3Page - Texas Instruments PT4522C Datasheet HTML 4Page - Texas Instruments PT4522C Datasheet HTML 5Page - Texas Instruments PT4522C Datasheet HTML 6Page - Texas Instruments PT4522C Datasheet HTML 7Page - Texas Instruments PT4522C Datasheet HTML 8Page - Texas Instruments PT4522C Datasheet HTML 9Page - Texas Instruments PT4522C Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT4522
PT4502
5.0Vdc
Va(req’d)
4.5
(12.6)k
4.55
(40.3)k
4.6
(75.0)k
4.65
(120.0)k
4.7
(179.0)k
4.75
(262.0)k
4.8
(387.0)k
4.85
(595.0)k
4.9
(1.01)M
4.95
5.0
5.05
5.1
1.06M
5.15
645.0k
5.2
437.0k
5.25
312.0k
5.3
229.0k
5.35
169.0k
5.4
125.0k
5.45
90.2k
5.5
62.4k
48V Bus
PT4529
PT4526
PT4527
PT4528
PT4521
24V Bus
PT4509
PT4506
PT4507
PT4508
PT4501
Vo(nom)
1.2Vdc
1.5Vdc
1.8Vdc
2.5Vdc
3.3Vdc
Va(req’d)
1.05
(15.1)k
1.1
(126.0)k
1.15
(458.0)k
1.2
1.25
543.0k
1.3
197.0k
1.35
81.1k
(2.8)k
1.4
(53.2)k
1.45
(204.0)k
1.5
1.55
1.3M
1.6
627.0k
1.65
404.0k
(51.7)k
1.7
(161.0)k
1.75
(489.0)k
1.8
1.85
1.28M
1.9
587.0k
1.95
355.0k
2.25
(26.5)k
2.3
(92.9)k
2.35
(203.0)k
2.4
(425.0)k
2.45
(1.09)M
2.5
2.55
1.09M
2.6
450.0k
2.65
237.0k
2.7
131.0k
2.75
67.7k
2.95
(90.7)k
3.0
(146.0)k
3.05
(224.0)k
3.1
(341.0)k
3.15
(536.0)k
3.2
(926.0)k
3.25
(2.09.0)M
3.3
3.35
1.19M
3.4
502.0k
3.45
272.0k
3.5
158.0k
3.55
88.7k
3.6
42.7k
3.65
9.9k
Table 2-2
DC/DC CONVERTER SERIES ADJUSTMENT RESISTOR VALUES
Series Pt #
R1 = (Blue)
R2 = Black
PT4523
PT4524
PT4503
PT4504
12.0Vdc
15.0Vdc
Va(req’d)
10.8
(276.0)k
11.0
(365.0)k
11.2
(497.0)k
11.4
(719.0)k
11.6
(1.16)M
11.8
12.0
12.2
588.0k
12.4
239.0k
12.6
123.0k
12.8
64.6k
13.0
29.7k
13.2
6.4k
13.5
(312.0)k
13.6
(345.0)k
13.8
(427.0)k
14.0
(542.0)k
14.2
(713.0)k
14.4
(1.0)M
14.6
(1.57)M
14.8
15.0
15.2
597.0k
15.4
253.0k
15.6
138.0k
15.8
81.0k
16.0
46.6k
16.5
0.8k
PT4500/4520 Series


Similar Part No. - PT4522C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4522C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com