Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-ED57-PG4DD Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-ED57-PG4DD
Description  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-ED57-PG4DD Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-ED57-PG4DD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-ED57-PG4DD Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 2. Forward Current vs. Forward
Voltage.
Figure 3. Relative Luminous Intensity vs.
Forward Current.
Figure 4. Maximum Forward Current vs.
Ambient Temperature. Derating Based on
TJMAX = 130°C.
Figure 1. Relative Intensity vs. Peak Wavelength.
Figure 5. Representative Spatial Radiation Pattern for 55
° Viewing Angle Lamps.
WAVELENGTH – nm
500
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
RED
550
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
AMBER
70
80
90
0
0
IF – DC FORWARD CURRENT – mA
40
3.0
2.0
1.5
1.0
0.5
20
60
2.5
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585° C/W
R
θJA = 780° C/W
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
-80
-60
10
30
40
-40
0
20
40
60
80
100
90
-100
-20


Similar Part No. - HLMP-ED57-PG4DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED57 AVAGO-HLMP-ED57 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-ED57-PG4DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com