Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4481N Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4481N
Description  100-W 30-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4481N Datasheet(HTML) 7 Page - Texas Instruments

  PT4481N Datasheet HTML 1Page - Texas Instruments PT4481N Datasheet HTML 2Page - Texas Instruments PT4481N Datasheet HTML 3Page - Texas Instruments PT4481N Datasheet HTML 4Page - Texas Instruments PT4481N Datasheet HTML 5Page - Texas Instruments PT4481N Datasheet HTML 6Page - Texas Instruments PT4481N Datasheet HTML 7Page - Texas Instruments PT4481N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT4481A
NRND
SIP MOD
ULE
EKA
26
6
TBD
Call TI
Level-1-215C-UNLIM
PT4481C
NRND
SIP MOD
ULE
EKC
26
6
TBD
Call TI
Level-3-215C-168HRS
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2005
Addendum-Page 1


Similar Part No. - PT4481N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4481 TI-PT4481 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
More results

Similar Description - PT4481N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com