Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4471C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4471C
Description  100-W 30-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4471C Datasheet(HTML) 6 Page - Texas Instruments

  PT4471C Datasheet HTML 1Page - Texas Instruments PT4471C Datasheet HTML 2Page - Texas Instruments PT4471C Datasheet HTML 3Page - Texas Instruments PT4471C Datasheet HTML 4Page - Texas Instruments PT4471C Datasheet HTML 5Page - Texas Instruments PT4471C Datasheet HTML 6Page - Texas Instruments PT4471C Datasheet HTML 7Page - Texas Instruments PT4471C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Using the Inhibit Function on the PT4470 &
PT4480 Series of Isolated DC/DC Converters
The PT4470/44480 series of DC/DC converters incor-
porate an On/Off Inhibit function. This function may be
used in applications that demand battery conservation,
power-up/shutdown sequencing, and/or to coordinate
power-up for active in-rush current control.
The On/Off feature is provided by the Inhibit control,
pin 3. The Inhibit pin of the PT4470/4480 series of
converters is an active low enable. The pin must be
either connected, or actively pulled low, to –Vin (pin 2)
to enable the converter output (see standard applica-
tion schematic). When pins 2 & 3 are connected, the
converter provides a regulated output whenever a valid
source voltage3 is applied between +Vin (pin 1), and –Vin
(pin 2). If pin 3 is disconnected, or allowed to become
high impedance, the regulator output will be disabled. 5
Table 2-1 provides details of the interface requirements
for the Inhibit pin. Figure 2-1 shows how a discrete
MOSFET (Q1) 4, may be referenced to –Vin and used to
control the input.
Table 2-1 Inhibit Control Requirements
Parameter
Min
Max
Enable (VIH)
–0.5V
0.8V
Disable (VIL)
2.5V
(Open Circuit)
Notes:
1. The Inhibit control uses –Vin (pin 2), on the primary side
of the converter, as its ground reference. All voltages
specified are with respect to –Vin.
2. The internal circuitry is simple pull-up resistor. The
open-circuit voltage may be as high as 6.5Vdc.
3. These converters incorporate an “Under-Voltage
Lockout” (UVLO) function. This function automatically
disables the converter output until there is sufficient input
voltage to produce a regulated output. Table 2 gives the
applicable UVLO thresholds.
Table 2-2 UVLO Thresholds 1
Series
UVLO Threshold
Vin Range
PT4470
17.0V Typical
18 – 36V
PT4480
34.5V Typical
36 – 75V
4. The Inhibit input must be controlled with an open-
collector (or open-drain) discrete transistor or
MOSFET.
Do not use a pull-up resistor.
5. When the converter output is disabled, the current
drawn from the input supply is typically reduced to
4mA (10mA maximum).
Figure 2-1
Turn-On Time:
With input power applied, the converter
typically produces a fully regulated output voltage within
25ms after applying a low-voltage signal to the Inhibit
control pin. The actual turn-on time will vary with
the input voltage, output load, and the total amount of
capacitance connected to the output. Using the circuit of
Figure 2-1, Figure 2-2 shows the typical output voltage
and input current waveforms of a PT4472 after Q1 is
turned on. The turn on of Q1 correlates to the fall in
Vinh. The output voltage was set to 2.5V. The waveform
was measured with a 48-Vdc input voltage, and 15-A load
current.
Figure 2-2
PT4470, PT4480 Series
6. Keep the on/off transition to less than 1ms. This
prevents erratic operation of the ISR, whereby the
output voltage may drift un-regulated between 0V
and the rated output during power-up.
Vout (1V/Div)
Iin (2A/Div)
Vinh (5V/Div)
HORIZ SCALE: 5ms/Div
PT4472
+V
sns
+V
out
-V
out
-V
sns
7
8-13
14-19
20
21
25
22
24
23
VID0 - VID4
+V
in
– V
in
1
2
3
Inhibit
C
1
+
PROGRAMMING PINS
+2.5V
+V
IN
–V
IN
0V
1 =Enable
Q
1
BSS138


Similar Part No. - PT4471C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4470 TI-PT4470 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473A TI-PT4473A Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473C TI-PT4473C Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4471C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com