Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4471A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4471A
Description  100-W 30-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4471A Datasheet(HTML) 1 Page - Texas Instruments

  PT4471A Datasheet HTML 1Page - Texas Instruments PT4471A Datasheet HTML 2Page - Texas Instruments PT4471A Datasheet HTML 3Page - Texas Instruments PT4471A Datasheet HTML 4Page - Texas Instruments PT4471A Datasheet HTML 5Page - Texas Instruments PT4471A Datasheet HTML 6Page - Texas Instruments PT4471A Datasheet HTML 7Page - Texas Instruments PT4471A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
18V to 36V Input Voltage Range
Programmable Output Voltage
Range: 1.3V to 3.5V
-40° to +85°C Ambient
1500 VDC Isolation
89% Efficiency
On/Off Inhibit
Differential Remote Sense
N+1 Current Sharing
SLTS093B
(Revised 6/21/2002)
Description
The PT4471 Excalibur™ DC/DC
converter module combines state-of-the-
art power conversion technology with
un-paralleled flexibility. Incorporating
high efficiency and ultra-fast transient
response, these modules provide up to
30A of output current over the program-
mable voltage range of 1.3V to 3.5V.
This represents a full 100W output at
3.3V.
The modules include a number of
inbuilt features to facilitate system
integration. These include a foldback
output current limit, over-temperature
protection, and an inhibit on/off control.
A differential remote sense is also provided
to compensate for voltage drop between
the converter and load.
For applications requiring power
supply redundancy, multiple PT4471
modules may connected for operation in
an ‘N+1’ configuration. Each PT4471
connected will share the load current with
other active PT4471 modules.
Over-Current Protection
Over-Temperature Protection
Over-Voltage Protection
Space-Saving Package
Solderable Copper Case
Safety Approvals:
UL 60950
CSA 22.2 950
VDE EN60950 Pending
L
O
A
D
PT4471
+V
sns
+V
out
-V
out
-V
sns
7
8-13
14-19
20
25
22
24
23
VID0 - VID4
+V
in
–V
in
1
2
3
Inhibit
C
1
+
PROGRAMMING PINS
+V
OUT
+V
IN
–V
IN
–V
OUT
C
o
+
21
C
2
•Co = Optional 330µF electrolytic capacitor
•C1 = Optional 33µF, 50V electrolytic capacitor
•C2 = Optional 1µF, 50V ceramic capacitor
• Programming pins, VID0–VID4, are shown
configured for Vo =3.3V
• For normal operation, pin 3 (Inhibit) must be
connected to –Vin.
• For details on additional N+1 components
consult the related application note.
Ordering Information
PT4471
o = 1.3 to 3.5 Volts
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
* Previously known as package styles 1200,
1210, and 1215.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Pin-Out Information
Pin
Function
1+Vin
2–Vin
3
Inhibit
4
Do not connect
5
Do not connect
6
Sync †
7
(+)Remote Sense
8+Vout
9+Vout
10 +Vout
11 +Vout
12 +Vout
13 +Vout
Pin
Function
14
–Vout
15
–Vout
16
–Vout
17
–Vout
18
–Vout
19
–Vout
20
(–)Remote Sense
21
VID0
22
VID1
23
VID2
24
VID3
25
VID4
26
Share †
PT4471—24V
100-W 30-A Programmable
Isolated DC/DC Converter
† Pins 6 & 26 are used for N+1 configuration (see
related application note). For stand-alone
operation, leave open circuit.
• Shaded functions indicate those pins that are
referenced to primary-side potential.


Similar Part No. - PT4471A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4470 TI-PT4470 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473A TI-PT4473A Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473C TI-PT4473C Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4471A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com