Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB75101KAN Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # MB75101KAN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MB75101KAN Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  MB75101KAN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MB75101KAN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MB75101KAN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MB75101KAN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MB75101KAN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MB75101KAN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CG01-J
123
APPLICATION SPECIFIC CAPACITORS
HIGH FREQUENCY CERAMIC CAPACITORS
MA/MB Series
SPECIFICATIONS
MA/MB 18/28; 0.05% maximum
Dissipation Factor
MA 58/68; 0.15% maximum @ 1.0VRMS (f = 1 MHz)
MA 78/88; 2.5% maximum @ 1.0VRMS maximum (f = 1kHz)
MB28 Series P90±30ppm/°C, (–55°C to +175°C)
MA 18/28 Series P90 ±20ppm/°C, (–55°C to +125°C)
Temperature Coefficient
MA 58/68 Series; COG (0 ±30ppm/°C, –55°C to +125°C)
MA 78/88 Series; ±15% maximum (–55°C to +125°C)
MA/MB 18/28 1000K M Ohms at +25°C, 100K M Ohms at +125°C
Insulation Resistance
MA 58/68 1000K M Ohms at +25°C, 100K M Ohms at +125°C
MA 78/88 100K M Ohms or 1000 M Ohm
F min., whichever is less (@ 25°C)
10K M Ohms or 100 M Ohms
F min., whichever is less (@ 125°C)
Dielectric Test Voltage
MA/MB 18/28/58/68/78/88, 250% of WVDC for 5 seconds
Capacitance Drift
Meets or Exceeds MIL-PRF-55681 (Does not apply for MA 78/88)
Aging
Negligible for MA/MB 18/28/58/68, MA 78/88; 2.5% per decade maximum
Environmental Tests
MIL-STD-202
Shock
Method 213, Condition J
Vibration
Method 204, Condition B
Moisture Resistance
Method 106
Solderability
Method 208
Immersion
Method 104, Condition B
Barometric Pressure
Method 105, Condition B
Resistance to Soldering Heat
Method 210, Condition B
Thermal Shock
Method 107, Condition A
Life
Method 108, Condition F
Marking
Standard MA/MB product is unmarked
DIMENSIONS: mm
TAPE AND REEL PACKAGING
CONDUCTIVE TAPE
ELECTRICAL PROPERTIES
PACKAGING:
Case 1 – 3,000 pcs.
Case 2 – 1,000 pcs.
NOTE: 1 Ao & Bo are determined by maximum specified length
and width of components plus 0.016 ± 0.008, plus the additional
requirement that components not be allowed to rotate more than
20° within the cavity clearance or whichever condition occurs first.
Cover tape
Embossment
Embossed
carrier
1.75 ± 0.1
3.5 ± 0.05
8.0 ± 0.3
4.0 ± 0.1
2.0 ± 0.1
Unit: mm
1.5
+0.1
–0
4.0 ± 0.1
A0
B0
Direction of feed
2.75
Advantages
Benefits
Conductive
Prevents static charge build-up
Flexibility
Insures against crazing, cracking
and brittleness
Dimensional strength
Drive loading will not elongate
sprocket holes
Dimensional stability
Smooth, reliable running on
pick and place machines
Property
Value
Test Method
Resistivity
5 x 105 ohm/square
ASTM D-257
Electrostatic
Decay Time
0.01 Sec.
ASTM D-257
At 50% RH@21°C
Other packaging options available — Consult Factory
Typical Values


Similar Part No. - MB75101KAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB7052 ETC1-MB7052 Datasheet
307Kb / 4P
   Filtering, Auto Calibration & Long-Range Narrow Detection Zone
MB7092 ETC1-MB7092 Datasheet
307Kb / 4P
   Filtering, Auto Calibration & Long-Range Narrow Detection Zone
logo
Fujitsu Component Limit...
MB7117E FUJITSU-MB7117E Datasheet
522Kb / 9P
   Schottky TTL 2048-Bit Bipolar Programmable Read-Only Memory
MB7117H FUJITSU-MB7117H Datasheet
522Kb / 9P
   Schottky TTL 2048-Bit Bipolar Programmable Read-Only Memory
MB7118E FUJITSU-MB7118E Datasheet
522Kb / 9P
   Schottky TTL 2048-Bit Bipolar Programmable Read-Only Memory
More results

Similar Description - MB75101KAN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
List of Unclassifed Man...
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R9CC-W TAIYO-YUDEN-TVS042CG1R9CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R1CC-W TAIYO-YUDEN-TVS042CG3R1CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R3CC-W TAIYO-YUDEN-TVS042CG3R3CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com