Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M62333P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62333P
Description  8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 1 page
background image
M62333P/FP
MITSUBISHI <STD. LINEAR ICs>
8-BIT 3CH I
2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
980714 rev.E ( / 6 )
M62338P/FP
MITSUBISHI ELECTRIC
8
7
6
5
CHANNEL
DECODER
POWER ON
RESET
8
Vcc
SCL
SDA
GND
8bit Latch
8bit upper
segment R-2R
1
Ao1
8bit Latch
8bit upper
segment R-2R
2
Ao2
8bit Latch
8bit upper
segment R-2R
3
Ao3
I C BUS TRANSCEIVER
2
PIN CONFIGURATION(TOP VIEW)
Outline 8P4 (P)
8P2S-A (FP)
DESCRIPTION
The
M62333/M62338 is
a n
integrated
circuit
semiconductor of CMOS structure with 3 channels of built
in D-A converters with output buffer operational amplifiers.
The input is 2-wires serial method is used for the transfer
format of
digital data to allow connection with a
microcomputer with minimum wiring.
The output buffer operational amplifier employs AB class
output circuit with sync and source drive capacity of 1.0mA
or more,and it operates in the whole voltage range from
Vcc to ground.
The M62333 and the M62338 differ only in their slave
address.
APPLICATION
Conversion from digital data to analog control data for
home-use and industrial equipment.
Signal gain control or automatic adjustment of DISPLAY-
MONITOR or CTV.
FEATURES
Digital data transfer format
I2C BUS serial data method
Output buffer operational amplifier
it operates in the whole voltage range from Vcc to
ground.
High output current drive capacity
±1.0mA over
1
2
3
4
8
7
6
5
Vcc
SCL
SDA
GND
N.C.
Ao2
Ao1
BLOCK DIAGRAM
N.C.:NO CONNECTION
Ao3
1




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62332P8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62334P8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62343P8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62354P8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62399P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62358P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62361FP8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62398P8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl