Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3302 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3302
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3302 Datasheet HTML 1Page - Microchip Technology MCP3302 Datasheet HTML 2Page - Microchip Technology MCP3302 Datasheet HTML 3Page - Microchip Technology MCP3302 Datasheet HTML 4Page - Microchip Technology MCP3302 Datasheet HTML 5Page - Microchip Technology MCP3302 Datasheet HTML 6Page - Microchip Technology MCP3302 Datasheet HTML 7Page - Microchip Technology MCP3302 Datasheet HTML 8Page - Microchip Technology MCP3302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 5
MCP3302/04
Timing Specifications:
Clock Frequency (Note 8)
FCLK
0.105
0.105
2.1
1.05
MHz
MHz
VDD = 5V, FSAMPLE = 100 ksps
VDD = 2.7V, FSAMPLE = 50 ksps
Clock High Time
THI
210
ns
Note 5
Clock Low Time
TLO
210
ns
Note 5
CS Fall To First Rising CLK Edge
TSUCS
100
ns
Data In Setup time
TSU
50
ns
Data In Hold Time
THD
——
50
ns
CLK Fall To Output Data Valid
TDO
——
125
200
ns
ns
VDD = 5V, see Figure 3-1
VDD = 2.7V, see Figure 3-1
CLK Fall To Output Enable
TEN
——
125
200
ns
ns
VDD = 5V, see Figure 3-1
VDD = 2.7V, see Figure 3-1
CS Rise To Output Disable
TDIS
100
ns
See test circuits, Figure 3-1
Note 1
CS Disable Time
TCSH
475
ns
DOUT Rise Time
TR
100
ns
See test circuits, Figure 3-1
Note 1
DOUT Fall Time
TF
100
ns
See test circuits, Figure 3-1
Note 1
Power Requirements:
Operating Voltage
VDD
2.7
5.5
V
Operating Current
IDD
300
200
450
µAVDD, VREF = 5V, DOUT unloaded
VDD, VREF = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.05
1
µACS = VDD = 5.0V
Temperature Ranges:
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+85
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistance:
Thermal Resistance, 14L-PDIP
θJA
—70
°C/W
Thermal Resistance, 14L-SOIC
θJA
—108
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—100
°C/W
Thermal Resistance, 16L-PDIP
θJA
—70
°C/W
Thermal Resistance, 16L-SOIC
θJA
—90
°C/W
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential
input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with
TAMB = -40°C to +85°C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1: This specification is established by characterization and not 100% tested.
2: See characterization graphs that relate converter performance to VREF level.
3: VIN = 0.1V to 4.9V @ 1 kHz.
4: VDD =5VP-P ±500 mV @ 1 kHz, see test circuit Figure 3-3.
5: Maximum clock frequency specification must be met.
6: VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz
7: TSSOP devices are only specified at 25°C and +85°C.
8: For slow sample rates, see Section 6.2.1 for limitations on clock frequency.


Similar Part No. - MCP3302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3302 MICROCHIP-MCP3302 Datasheet
887Kb / 46P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3302 MICROCHIP-MCP3302 Datasheet
1Mb / 48P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3302-BI/P MICROCHIP-MCP3302-BI/P Datasheet
769Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3302-BI/P MICROCHIP-MCP3302-BI/P Datasheet
887Kb / 46P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3302-BI/SL MICROCHIP-MCP3302-BI/SL Datasheet
769Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
More results

Similar Description - MCP3302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3301 MICROCHIP-MCP3301_07 Datasheet
758Kb / 32P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3304 MICROCHIP-MCP3304 Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3302 MICROCHIP-MCP3302_07 Datasheet
769Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3302 MICROCHIP-MCP3302_08 Datasheet
887Kb / 46P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3301 MICROCHIP-MCP3301_11 Datasheet
647Kb / 38P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3302 MICROCHIP-MCP3302_11 Datasheet
1Mb / 48P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3301-CI-SN MICROCHIP-MCP3301-CI-SN Datasheet
700Kb / 32P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com