Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC899QMX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74AC899QMX
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74AC899QMX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button 74AC899QMX Datasheet HTML 6Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 7Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 8Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 9Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 10Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 11Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 12Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 13Page - National Semiconductor (TI) 74AC899QMX Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AC Operating Requirements
74AC
74AC
VCC
TA ea25 C
TA eb40 C
Fig
Symbol
Parameter
(V)
CL e 50 pF
to a85 C
Units
No
CL e 50 pF
Guaranteed Minimum
ts
Setup Time HIGH or LOW
33
30
30
ns
11 12
An Bn PAR to LEA LEB
50
30
30
th
Hold Time HIGH or LOW
33
20
20
ns
11 12
An Bn PAR to LEA LEB
50
15
15
tw
Pulse Width for LEA LEB
33
40
40
ns
13
50
40
40
Voltage Range 50 is 50V g05V
Voltage Range 33 is 33V g03V
AC Electrical Characteristics
74ACT
54ACT
74ACT
VCC
TA ea25 C
TA eb55 CTA eb40 C
Fig
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
No
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
50
25
75
115
15
135
25
120
ns
1
tPHL
An Bn to Bn An
tPLH
Propagation Delay
50
15
60
85
15
110
15
90
ns
1
tPHL
APAR BPAR to BPAR APAR
tPLH
Propagation Delay
50
25
85
120
15
160
25
125
ns
2
tPHL
An Bn to BPAR APAR
tPLH
Propagation Delay
50
20
80
115
15
160
20
120
ns
3
tPHL
An Bn to ERRA ERRB
tPLH
Propagation Delay
50
20
80
115
15
160
20
120
ns
4
tPHL
ODDEVEN to ERRA ERRB
tPLH
Propagation Delay
50
25
80
115
15
145
25
120
ns
5
tPHL
ODDEVEN to APAR BPAR
tPLH
Propagation Delay
50
15
75
105
15
115
15
115
ns
6
tPHL
APAR BPAR to ERRA ERRB
tPLH
Propagation Delay
50
15
65
90
15
125
15
95
ns
9
tPHL
SEL to APAR BPAR
tPLH
Propagation Delay
50
25
70
105
15
135
25
110
ns
10 11
tPHL
LEB to An Bn
tPLH
Propagation Delay
50
20
80
115
15
160
20
120
ns
10 11
tPHL
LEA to APAR BPAR
tPLH
Propagation Delay
50
25
80
115
15
160
25
120
ns
12
tPHL
LEA LEB to ERRA ERRB
tPZH
Output Enable Time
50
25
70
105
15
160
25
110
ns
7 8
tPZL
GBA or GAB to An Bn
tPZH
Output Enable Time
50
15
60
90
15
110
15
95
ns
7 8
tPZL
GBA or GAB to BPAR or APAR
tPHZ
Output Disable Time
50
15
65
95
15
110
15
95
ns
7 8
tPHL
GBA or GAB to An Bn
tPHZ
Output Disable Time
50
15
65
95
15
110
15
95
ns
7 8
tPLZ
GBA or GAB to BPAR APAR
Voltage Range 50 is 50V g 05V
11


Similar Part No. - 74AC899QMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
STMicroelectronics
74AC86 STMICROELECTRONICS-74AC86 Datasheet
68Kb / 7P
   QUAD EXCLUSIVE OR GATE
April 1997
logo
Fairchild Semiconductor
74AC86 FAIRCHILD-74AC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
STMicroelectronics
74AC86 STMICROELECTRONICS-74AC86 Datasheet
186Kb / 9P
   QUAD EXCLUSIVE OR GATE
More results

Similar Description - 74AC899QMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com