Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YMF715E-S Datasheet(PDF) 6 Page - YAMAHA CORPORATION

Part # YMF715E-S
Description  OPL3 Single-chip Audio System 3
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF715E-S Datasheet(HTML) 6 Page - YAMAHA CORPORATION

Back Button YMF715E-S Datasheet HTML 2Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 3Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 4Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 5Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 6Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 7Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 8Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 9Page - YAMAHA CORPORATION YMF715E-S Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
YMF715E                            
May 21, 1997
-6-
■ FUNCTION OVERVIEW
1. Multi-purpose pin
 1-1. Multi-purpose function
OPL3-SA3 can support the various functions listed below by programming SEL2-0 pins.
A. 16-bit address decode
B. EEPROM interface
C. Zoomed video port
D. CPU and DAC interface for OPL4-ML/ML2
E. MODEM interface
F. IDE CD-ROM interface
Following table shows what combinations of the above functions are available for each SEL2-0 pins.
SEL
16bit Dec.
EEPROM
ZV port
OPL4-ML/ML2
MODEM
CDROM
Remark
0
-
-
-
-
-
-
Test mode
1
○(*1)
-
○(*2)
○○(*1)
S/C,C/C(add-in)
2
○○
-
○(*3)
-S/C (add-in)
3
○(*4)
-
--
S/C (add-in)
4
○(*4)
-
○○
-
-
Note PC
5
-
○○(*3)
-
Note PC
6
-
-
-
-
-
-
reserved
7
--
-
-
M/B, Note PC
Where,
S/C : Sound Card
C/C : Combo Card (Sound and Modem)
M/B : Desktop Mother Board
SEL=0
SEL=1
SEL=2
SEL=3
SEL=4
SEL=5
SEL=6
SEL=7
SEL0 pin
0
101
010
1
SEL1 pin
0
011
001
1
SEL2 pin
0
000
111
1
Notice
*1 : External PAL is needed.
*2 : External wavetable synthesizer (ex.OPL4-ML/ML2) is mixed as analog signal using external
DAC.
*3 : Clock module (ex.MK1420) is used to generate the clock for OPL4-ML/ML2 and it will be
mixed analog signal by having an additional DAC.
*4 : External TTLs (ex.LS138) is needed.
See section 1-2 and 1-3 for implementation detail.


Similar Part No. - YMF715E-S

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
   FM Wavetable Synthesizer LSI
logo
YAMAHA CORPORATION
YMF724 YAMAHA-YMF724 Datasheet
268Kb / 50P
   high performance audio controller for the PCI Bus
YMF724F YAMAHA-YMF724F Datasheet
268Kb / 50P
   high performance audio controller for the PCI Bus
YMF724F-V YAMAHA-YMF724F-V Datasheet
268Kb / 50P
   high performance audio controller for the PCI Bus
logo
List of Unclassifed Man...
YMF740C ETC-YMF740C Datasheet
224Kb / 44P
   DS-1L
More results

Similar Description - YMF715E-S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD92 IDT-92HD92 Datasheet
3Mb / 306P
   SINGLE CHIP PC AUDIO SYSTEM
92HD93 IDT-92HD93 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
92HD99B IDT-92HD99B Datasheet
2Mb / 225P
   SINGLE CHIP PC AUDIO SYSTEM
92HD91 IDT-92HD91 Datasheet
3Mb / 298P
   SINGLE CHIP PC AUDIO SYSTEM
92HD87 IDT-92HD87 Datasheet
2Mb / 204P
   SINGLE CHIP PC AUDIO SYSTEM
92HD90 IDT-92HD90 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
92HD81 IDT-92HD81 Datasheet
4Mb / 279P
   SINGLE CHIP PC AUDIO SYSTEM
92HD98 IDT-92HD98 Datasheet
3Mb / 273P
   SINGLE CHIP PC AUDIO SYSTEM
logo
Cirrus Logic
CS4236B CIRRUS-CS4236B Datasheet
1Mb / 110P
   CrystalClearÔ Single Chip Audio System
SEP 97
logo
Sanyo Semicon Device
LA4160 SANYO-LA4160 Datasheet
320Kb / 11P
   Single-Chip Tape Recorder Audio System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com