Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSU03A60 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # NSU03A60
Description  FRD - Ultra Fast Recovery
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

NSU03A60 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  NSU03A60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation NSU03A60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation NSU03A60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation NSU03A60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation NSU03A60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSU03A60 OUTLINE DRAWING (Dimensions in mm)


Similar Part No. - NSU03A60

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
NSU03A60 KSS-NSU03A60 Datasheet
711Kb / 6P
   Schottky Barrier Diode
logo
National Instruments Co...
NSU03A60 NI-NSU03A60_15 Datasheet
108Kb / 1P
   FRED
More results

Similar Description - NSU03A60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
NSU03B60 NIEC-NSU03B60 Datasheet
65Kb / 5P
   FRD - Ultra Fast Recovery
logo
Shenzhen Luguang Electr...
MUR2060CT LUGUANG-MUR2060CT Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR1660 LUGUANG-MUR1660 Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MUR8120 LUGUANG-MUR8120 Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 8A FRD Pt
Revision:20220701-P1
MUR1640 LUGUANG-MUR1640 Datasheet
1Mb / 3P
   Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MURH2020 LUGUANG-MURH2020 Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
UF2060CT LUGUANG-UF2060CT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR1560B LUGUANG-MUR1560B Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 15A FRD Pt
Revision:20220701-P1
MUR15100 LUGUANG-MUR15100 Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
MUR1620 LUGUANG-MUR1620 Datasheet
933Kb / 4P
   Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20220621-1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com