Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC08N Datasheet(PDF) 1 Page - Integral Corp.

Part # IN24LC08N
Description  4K/8K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC08N Datasheet(HTML) 1 Page - Integral Corp.

  IN24LC08N Datasheet HTML 1Page - Integral Corp. IN24LC08N Datasheet HTML 2Page - Integral Corp. IN24LC08N Datasheet HTML 3Page - Integral Corp. IN24LC08N Datasheet HTML 4Page - Integral Corp. IN24LC08N Datasheet HTML 5Page - Integral Corp. IN24LC08N Datasheet HTML 6Page - Integral Corp. IN24LC08N Datasheet HTML 7Page - Integral Corp. IN24LC08N Datasheet HTML 8Page - Integral Corp. IN24LC08N Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL DATA
IN24LC04B/08B
4K/8K 2.5V CMOS Serial EEPROMs
DESCRIPTION
IN24LC04B/08B is a 4K-or 8K-bit Electrically Erasable PROM. The device is organized as two or four blocks of 256 x
8 bit memory with a two wire serial interface. Low voltage design permits operation down to 2.5 volts with standby and
active currents of only 5
µA and 1mA respectively. The IN24LC04B/08B also has a page-write capability for up to 16
bytes of data. The IN24LC04B/08B is available in the standard 8-pin DIP.
PACKAGE
TA = -40 ... +85 °C
PINNING
Name
Function
Vss
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
WP
Write Protect Input
VCC
+2.5V to 5.5V Power Supply
AO, A1, A2
No Internal Connection
FEATURES
• Single supply with operation down to 2.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
- 5
µA standby current typical at 3.0V
• Organized as two or four blocks of 256 bytes (2x256x8) and
(4x256x8)
• Two wire serial interface bus, I
2C compatible
• Schmitt trigger, filtered inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 ERASE/WRITE cycles guaranteed*
• Data retention > 200 years
• 8-pin DIP
• Temperature range -40 to +85
oC
Pin Connection
1
8
2
7
3
6
4
5
A0
Vcc
A1
WP
A2
SCL
Vss
SDA
1


Similar Part No. - IN24LC08N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC08N INTEGRAL-IN24LC08N Datasheet
262Kb / 12P
   IN24LC08
More results

Similar Description - IN24LC08N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com