Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC16D Datasheet(PDF) 5 Page - Integral Corp.

Part # IN24LC16D
Description  16K SERIAL EEPROM WITH I2C BUS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC16D Datasheet(HTML) 5 Page - Integral Corp.

  IN24LC16D Datasheet HTML 1Page - Integral Corp. IN24LC16D Datasheet HTML 2Page - Integral Corp. IN24LC16D Datasheet HTML 3Page - Integral Corp. IN24LC16D Datasheet HTML 4Page - Integral Corp. IN24LC16D Datasheet HTML 5Page - Integral Corp. IN24LC16D Datasheet HTML 6Page - Integral Corp. IN24LC16D Datasheet HTML 7Page - Integral Corp. IN24LC16D Datasheet HTML 8Page - Integral Corp. IN24LC16D Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IN24LC16
5
FUNCTIONAL DESCRIPTION
The 24LC16B supports a Bi-directional 2-wire bus and data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device receiving data as receiver. The bus has to be controlled
by a master device which generates the serial clock (SCL), controls the bus access, and generates the
START and STOP conditions, while the 24LC16B works as slave. Both, master and slave can operate as
transmitter or receiver but the master device determines which mode is activated.
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the
data line while the clock line is HIGH will be interpreted as a START or STOP condition.
Accordingly, the following bus conditions have been defined
Bus not Busy (A)
Both data and clock lines remain HIGH.
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START condition. All
commands must be preceded by a START condition.
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP condition. All
operations must be ended with a STOP condition.
Data Valid (D)
The state of the data line represents valid data when, after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse
per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of
the data bytes transferred between the START and STOP conditions is determined by the master device
and is theoretically unlimited, although only the last sixteen will be stored when doing a write operation.
When an overwrite does occur it will replace data in a first in first out fashion.
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each
byte. The master device must generate an extra clock pulse which is associated with this acknowledge bit.
Note: The 24LC16B does not generate any acknowledge bits if an internal programming cycle is in
progress.
The device that acknowledges, has to pull down the SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of
course, setup and hold times must be taken into account. During reads, a master must signal an end of data
to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In
this case, the slave (24LC16B) will leave the data line HIGH to enable the master to generate the STOP
condition.
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
Device Addressing
A control byte is the first byte received following the start condition from the master device. The control byte
consists of a four bit control code, for the 24LC16B this is set as 1010 binary for read and write operations.
The next three bits of the control byte are the block select bits (B2, B1, B0). They are used by the master
device to select which of the eight 256 word blocks of memory are to be accessed. These bits are in effect


Similar Part No. - IN24LC16D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04B INTEGRAL-IN24LC04B Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BD INTEGRAL-IN24LC04BD Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BN INTEGRAL-IN24LC04BN Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results

Similar Description - IN24LC16D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
   16K Serial EEPROM with I2C bus
KK24LC16B KODENSHI-KK24LC16B Datasheet
195Kb / 3P
   16K Serial EEPROM with I2C bus
logo
Microchip Technology
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
24AA16 MICROCHIP-24AA16_03 Datasheet
317Kb / 24P
   16K I2C??Serial EEPROM
2003
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
   16K I2C Serial EEPROM
07/14/15
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
21054E MICROCHIP-21054E Datasheet
76Kb / 12P
   16K 1.8V I2C SERIAL EEPROM
1996
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com