Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24LC02B Datasheet(PDF) 1 Page - Integral Corp.

Part # IN24LC02B
Description  2K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC02B Datasheet(HTML) 1 Page - Integral Corp.

  IN24LC02B Datasheet HTML 1Page - Integral Corp. IN24LC02B Datasheet HTML 2Page - Integral Corp. IN24LC02B Datasheet HTML 3Page - Integral Corp. IN24LC02B Datasheet HTML 4Page - Integral Corp. IN24LC02B Datasheet HTML 5Page - Integral Corp. IN24LC02B Datasheet HTML 6Page - Integral Corp. IN24LC02B Datasheet HTML 7Page - Integral Corp. IN24LC02B Datasheet HTML 8Page - Integral Corp. IN24LC02B Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL DATA
2K 2.5V CMOS Serial EEPROMs
IN24LC02B
DESCRIPTION
IN24LC02B is a 2K-bit Electrically Erasable PROM. The device is organized as a single
block of 256 x 8 bit memory with a two wire serial interface.
Low voltage design permits operation down to 2.5volts with standby and active currents
of only 5
µA and 1mA respectively.
The IN24LC02B also has a page-write capability for up to 8 bytes of data.
The IN24LC02B is available in the standard 8-pin DIP.
PACKAGE
TA = -40 ... +85 °C
PINNING
Name
Function
Vss
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
WP
Write Protect Input
VCC
+2.5V to 5.5V Power Supply
AO, A1, A2
No Internal Connection
FEATURES
• Single supply with operation down to 2.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
- 5
µA standby current typical at 3.0V
• Organized as a single block of 256 bytes (256x8)
• Two wire serial interface bus, I
2C compatible
• Schmitt trigger, filtered inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 3,000V
• 1,000,000 ERASE/WRITE cycles guaranteed*
• Data retention > 200 years
Pin Connection
1
8
2
7
3
6
4
5
A0
Vcc
A1
WP
A2
SCL
Vss
SDA
1


Similar Part No. - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04B INTEGRAL-IN24LC04B Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BD INTEGRAL-IN24LC04BD Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04BN INTEGRAL-IN24LC04BN Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
IN24LC04D INTEGRAL-IN24LC04D Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results

Similar Description - IN24LC02B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
93LC56AB MICROCHIP-93LC56AB Datasheet
222Kb / 12P
   2K 2.5V Microwave Serial EEPROM
1997
logo
Panasonic Semiconductor
MN61113 PANASONIC-MN61113 Datasheet
45Kb / 6P
   2K-Bit EEPROMs
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com