Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3334B-24U1T Datasheet(PDF) 1 Page - STMicroelectronics

Part # UPSD3334B-24U1T
Description  Flash Programmable System Device with 8032 Microcontroller Core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3334B-24U1T Datasheet(HTML) 1 Page - STMicroelectronics

  UPSD3334B-24U1T Datasheet HTML 1Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 2Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 3Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 4Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 5Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 6Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 7Page - STMicroelectronics UPSD3334B-24U1T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
DATA BRIEFING
June 2002
Complete data available on
Data-on-Disc CD-ROM or at www.st.com .
µPSD3200 FAMILY
Flash Programmable System Device
with 8032 Microcontroller Core
FEATURES SUMMARY
s
The
µPSD3200 Family combines a Flash PSD
architecture with an 8032 microcontroller core
The
µPSD3200 Family of Flash PSDs features
dual banks of Flash memory, SRAM, general
purpose I/O and programmable logic, supervi-
sory functions and access via USB, I
2C, ADC,
DDC and PWM channels, and an on-board
8032 microcontroller core, with two UARTs,
three 16-bit Timer/Counters and one External
Interrupt. As with other Flash PSD families, the
µPSD3200 Family is also in-system program-
mable (ISP) via a JTAG ISP interface.
s
Large 8 KByte SRAM with battery back-up
option
s
Dual bank Flash memories
– 128 KByte or 256 KByte main Flash memory
– 32 KByte secondary Flash memory
s
Content Security
– Block access to Flash memory
s
Programmable Decode PLD for flexible address
mapping of all memories.
s
High-speed clock standard 8032 core (12-cycle)
s
USB Interface (
µPSD3234A-40U6 only)
s
I2C interface for peripheral connections
s
Five Pulse Width Modulator (PWM) channels
s
Standalone Display Data Channel (DDC)
s
Six I/O ports with up to 50 I/O pins
s
3000 gate PLD with 16 macrocells
s
Supervisor functions
s
In-System Programming (ISP) via JTAG
s
Zero-Power Technology
s
Single Supply Voltage
– 4.5 to 5.5 V
– 3.0 to 3.6 V
Figure 1. Packages
TQF P52 (T)
TQFP80 (U)


Similar Part No. - UPSD3334B-24U1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3334D STMICROELECTRONICS-UPSD3334D Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3334D-40T6 STMICROELECTRONICS-UPSD3334D-40T6 Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3334D-40T6T STMICROELECTRONICS-UPSD3334D-40T6T Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3334D-40U6 STMICROELECTRONICS-UPSD3334D-40U6 Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3334D-40U6T STMICROELECTRONICS-UPSD3334D-40U6T Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
More results

Similar Description - UPSD3334B-24U1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com