Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4095 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4095
Description  Read/Write analog front end for 125kHz RFID Basestation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4095 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4095 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4095 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EM4095
Copyright
 2002, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Timing Characteristics:
Parameters specified below are valid only in case the device is used according to Operating Conditions defined on previous
page.
VSS=DVSS=0V, VDD=DVDD = 5V
Parameter
Symbol
Test Conditions
Typ
Max
Units
Set-up time after a sleep period
Tset
25
35
ms
Time from full power to modulation
state
Tmdon
antenna circuit specifications:
Q=15,FRES=125Khz
modulation index: 100%
50
µs
AM demodulation: Delay time from
input to output
Tpd
Modulating signal 2Khz square
wave 10mVpp
40
100
µs
Recovery time of reception after
antenna modulation
Trec
Note 1
400
500
µs
Note 1: RF period is time of one period transmitted on ANT outputs (at 125 kHz 8µs). Trec after antenna modulation
receiver chain is ready to demodulate. The condition is of course that the amplitude on antenna has already reached its
steady state by that time (this depends on Q of antenna). See also Application Notes.
Block Diagram
VDD
SHD
AGND
VSS
to all blocks
LOOP
FILTER
VCO &
SEQUENCER
BIAS &
AGND
SHORT
DETECTION
& READY
BIAS & AGND
to all blocks
ANTENNA
DRIVERS
SYNCHRO
SAMPLER
FILTER
COMPARATOR
to all blocks
to all blocks
CDEC_OUT
CDEC_IN DC2
FCAP
MOD
DMOD_IN
RDY/CLK
DVDD
ANT1
ANT2
DVSS
DMOD_OUT
HOLD
LOCK
Fig. 5


Similar Part No. - EM4095

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4094 EMMICRO-EM4094 Datasheet
74Kb / 1P
   Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
More results

Similar Description - EM4095

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
logo
EM Microelectronic - MA...
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4094 EMMICRO-EM4094 Datasheet
74Kb / 1P
   Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
logo
Melexis Microelectronic...
DVK90109 MELEXIS-DVK90109 Datasheet
971Kb / 13P
   125kHz RFID Development Kit
MLX90109 MELEXIS-MLX90109_12 Datasheet
300Kb / 16P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
   RFID Tag (125kHz)
6-20-17
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
   125kHz RFID Integrated Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com