Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB931 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SB931
Description  Silicon PNP epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB931 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SB931 Datasheet HTML 1Page - Panasonic Semiconductor 2SB931 Datasheet HTML 2Page - Panasonic Semiconductor 2SB931 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SB931
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
Time t (s)


Similar Part No. - 2SB931

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB931 PANASONIC-2SB931 Datasheet
84Kb / 4P
   For Power Switching
logo
Guangdong Kexin Industr...
2SB931 KEXIN-2SB931 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB931-P KEXIN-2SB931-P Datasheet
1Mb / 3P
   PNP Transistors
2SB931-Q KEXIN-2SB931-Q Datasheet
1Mb / 3P
   PNP Transistors
2SB931 KEXIN-2SB931_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB931

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB944 PANASONIC-2SB944 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB945 PANASONIC-2SB945 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB946 PANASONIC-2SB946 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1607 PANASONIC-2SB1607 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1154 PANASONIC-2SB1154 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1156 PANASONIC-2SB1156 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1155 PANASONIC-2SB1155 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB932 PANASONIC-2SB932 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB943 PANASONIC-2SB943 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB933 PANASONIC-2SB933 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com