Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6367C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6367C
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6367C Datasheet(HTML) 2 Page - Texas Instruments

  PT6367C Datasheet HTML 1Page - Texas Instruments PT6367C Datasheet HTML 2Page - Texas Instruments PT6367C Datasheet HTML 3Page - Texas Instruments PT6367C Datasheet HTML 4Page - Texas Instruments PT6367C Datasheet HTML 5Page - Texas Instruments PT6367C Datasheet HTML 6Page - Texas Instruments PT6367C Datasheet HTML 7Page - Texas Instruments PT6367C Datasheet HTML 8Page - Texas Instruments PT6367C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6360 Series
11 A 12-V Input Adjustable
Integrated Switching Regulator
Performance Specifications (Unless otherwise stated, Ta =25 °C, Vin =12 V, Cin =560 µF, Cout =0 µF, and Io =Iomax)
PT6360 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Vin =12 V
Vo < 3.3 V
0
11
A
Vo ≥ 3.3 V
0
10
Input Voltage Range
Vin
Over Io range
10.8
13.2
V
Set-Point Voltage Tolerance
Vo tol
±2
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range
±3
mV
Load Regulation
∆Regload
Over Io range
±5
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
——±3
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Io =8 A
PT6361 ( 5 V)
93
PT6362 (3.3 V)
91
PT6363 (2.5 V)
90
PT6364 (1.8 V)
87
%
PT6365 (1.5 V)
85
PT6366 (1.2 V)
82
PT6367 (1.0 V)
80
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
Vo = 5.0 V
50
Vo = 3.3 V
25
mVpp
Vo ≤ 2.5 V
15
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Cout =330 µF
ttr
Recovery Time
50
µSec
∆Vtr
Vo over/undershoot
70
mV
Over-Current Threshold
ITRIP
Reset, followed by auto-recovery
16
A
Output Voltage Adjust
Vo adj
With Vo Adjust
±15 (1)
—%
Switching Frequency
ƒs
Over Vin and Io ranges
300
350
400
kHz
Inhibit Control (pin1)
Referenced to GND (pins 5–8)
Input High Voltage
VIH
2
Open (2)
V
Input Low Voltage
VIL
–0.2
0.3
Input Low Current
IIL
Pin 1 to GND
–10
µA
Standby Input Current
Iin standby
Pin 1 to GND
5
mA
External Input Capacitance
Cin
560 (3)
——µF
External Output Capacitance
Cout
0
330 (4)
5,000
µF
Operating Temperature Range
Ta
Over Vin range
–40
85 (5)
°C
Solder Reflow Temperature
Treflow
Surface temperature of pins or case
215 (6)
°C
Storage Temperature
Ts
–40
125
°C
Reliability
MTBF
Per Bellcore TR-332
8.0
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Mil-STD-883D, Method 2002.3
500
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Mil-STD-883D, Method 2007.2,
20 (7)
—G’s
20-2000 Hz, PCB mounted
Weight
10
grams
Flammability
Materials meet UL 94V-0
Notes: (1) This is a typical value. For the adjustment limits of a specific model consult the related application note on output voltage adjustment.
(2) The Inhibit control (pin 1) has an internal pull-up to Vin, and if left open-circuit the module will operate when input power is applied. A small low-
leakage (<100 nA) MOSFET is recommended to control this input. See application notes for more information.
(3) A 560 µF electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimumm of 1.3 Arms of ripple current.
(4) An external output capacitor is not required for basic operation. Adding 330µF of distributed capacitance at the load will improve the transient response,
and reduce output ripple voltage.
(5) See SOA curves or consult factory for the appropriate derating.
(6) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215 °C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(7) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
SLTS179A - JANUARY 2003 - REVISED APRIL 2003


Similar Part No. - PT6367C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6367 TI-PT6367 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6367C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com