Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6366C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6366C
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6366C Datasheet(HTML) 3 Page - Texas Instruments

  PT6366C Datasheet HTML 1Page - Texas Instruments PT6366C Datasheet HTML 2Page - Texas Instruments PT6366C Datasheet HTML 3Page - Texas Instruments PT6366C Datasheet HTML 4Page - Texas Instruments PT6366C Datasheet HTML 5Page - Texas Instruments PT6366C Datasheet HTML 6Page - Texas Instruments PT6366C Datasheet HTML 7Page - Texas Instruments PT6366C Datasheet HTML 8Page - Texas Instruments PT6366C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Efficiency vs Output Current
Power Dissipation vs Output Current
Performance Data; Vin =12 V (See Note A)
Output Ripple vs Output Current
PT6360 Series
11 A 12-V Input Adjustable
Integrated Switching Regulator
Pin Descriptions
Vin:
The positive supply voltage input for the module
with respect to the common GND.
Vout:
This is the regulated output voltage from the mod-
ule with respect to the common GND.
GND:
The common node to which the input, output, and
external control signals are referenced.
Inhibit*:
This is an open-collector (open-drain) negative
logic input, that is referenced to GND. Driving this pin to
GND disables the module’s output voltage. If Inhibit* is
left open-circuit, the output will be active whenever a
valid input source is applied.
Typical Characteristics
Vo Adjust:
This pin is used to trim the output voltage to a
value within the range of approximately ±15 % of nominal.
The adjustment method uses an external resistor. The
resistor is connected from Vo Adjust to either the GND
or (+)Sense, in order to adjust the output either up or
down, respectively.
(+)Sense:
An external remote sense input is provided to
allow the regulation circuit to compensate for voltage
drop between the module and the load. For optimal
voltage accuracy (+)Sense should be connected to Vout. If
desired, (+)Sense may also be left open circuit.
50
60
70
80
90
100
024
68
10
Iout (A)
PT6361
PT6362
PT6363
PT6364
PT6365
PT6366
PT6367
0
20
40
60
80
100
024
68
10
Iout (A)
PT6361
PT6362
PT6363
PT6364
PT6365
PT6366
PT6367
0
1
2
3
4
5
02468
10
Iout (A)
PT6361
PT6362
PT6363
PT6364
PT6365
PT6366
PT6367
SLTS179A - JANUARY 2003 - REVISED APRIL 2003


Similar Part No. - PT6366C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6366 TI-PT6366 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6366C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com