Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD789314GC Datasheet(PDF) 5 Page - NEC

Part # UPD789314GC
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD789314GC Datasheet(HTML) 5 Page - NEC

  UPD789314GC Datasheet HTML 1Page - NEC UPD789314GC Datasheet HTML 2Page - NEC UPD789314GC Datasheet HTML 3Page - NEC UPD789314GC Datasheet HTML 4Page - NEC UPD789314GC Datasheet HTML 5Page - NEC UPD789314GC Datasheet HTML 6Page - NEC UPD789314GC Datasheet HTML 7Page - NEC UPD789314GC Datasheet HTML 8Page - NEC UPD789314GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
µµµµPD789304, 789306, 789314, 789316
Data Sheet U14384EJ1V0DS
5
OVERVIEW OF FUNCTIONS
Item
µPD789304
µPD789306
µPD789314
µPD789316
ROM
8 KB
16 KB
8 KB
16 KB
High-speed RAM
512 bytes
Internal
memory
LCD display RAM
24 bytes
Main system clock
(oscillation frequency)
Ceramic/crystal oscillation (1.0 to 5.0 MHz)
RC oscillation (2.0 to 4.0 MHz)
Subsystem clock
(oscillation frequency)
Crystal oscillation (32.768 kHz)
0.4
µs/1.6 µs
(@ 5.0 MHz operation with main system
clock)
0.5
µs/2.0 µs
(@ 4.0 MHz operation with main system
clock)
Minimum instruction execution time
122
µs (@ 32.768 kHz operation with subsystem clock)
General-purpose registers
8 bits
× 8 registers
Instruction set
• 16-bit operation
• Bit manipulation (set, reset, test)
I/O ports
Total:
23
• CMOS I/O:
19
• N-ch open drain:
4
Timers
• 16-bit timer:
1 channel
• 8-bit timer/event counter: 2 channels
• Watch timer:
1 channel
• Watchdog timer:
1 channel
Serial interface
• Switchable between 3-wire serial I/O mode and UART mode: 1 channel
• 3-wire serial I/O mode:
1 channel
LCD controller/driver
• Segment signal outputs: 24 (Max.)
• Common signal outputs: 4 (Max.)
Maskable
Internal: 9, External: 5
Vectored interrupt
sources
Non-maskable
Internal: 1
Power supply voltage
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85
°C
Package
• 64-pin plastic QFP (14 × 14)
• 64-pin plastic TQFP (12 × 12)


Similar Part No. - UPD789314GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD789322 NEC-UPD789322 Datasheet
473Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD789324 NEC-UPD789324 Datasheet
473Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD789326 NEC-UPD789326 Datasheet
473Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD789327 NEC-UPD789327 Datasheet
473Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD789314GC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com