Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6367N Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6367N
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6367N Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT6367N Datasheet HTML 3Page - Texas Instruments PT6367N Datasheet HTML 4Page - Texas Instruments PT6367N Datasheet HTML 5Page - Texas Instruments PT6367N Datasheet HTML 6Page - Texas Instruments PT6367N Datasheet HTML 7Page - Texas Instruments PT6367N Datasheet HTML 8Page - Texas Instruments PT6367N Datasheet HTML 9Page - Texas Instruments PT6367N Datasheet HTML 10Page - Texas Instruments PT6367N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6360 Series
Adjusting the Output Voltage of the PT6360 Series
of Integrated Switching Regulators
The output voltage of the PT6360 series of power modules
may be adjusted higher or lower than the pre-set voltage
with the addition of a single external resistor. Table 3-1
gives the allowable adjustment range for each model of the
series as Va (min) and Va (max). The value of the external
resistor can either be calculated using the formulas given
below, or simply selected from the range of values given
in Table 3-2. Refer to Figure 3-1 for the placement of
the required resistor. Use the resistor R1 to adjust up,
and the resistor (R2) to down.
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor R2, between Vo adjust (pin 12) and
GND (pins 5-8).
Adjust Down:
Add a resistor (R1), between Vo adjust (pin 12)
and (+)Sense (pin 11).
Figure 3-1
The values of (R
1) [adjust down], and R2 [adjust up],
can be calculated using the following formulas. Refer to
Figure 3-1 for the placement of the required resistor;
either (R
1) or R2 as appropriate.
(R1)
=
Ro (Va – 0.8)
– Rs
k
Vo – Va
R2
=
0.8 Ro
– Rs
k
Va – Vo
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value from Table 3-1
Rs = The series resistance from Table 3-1
R
2
Adjust Up
C
IN
560 µF
(Req'd)
+V
O
COM
COM
+V
IN
+
(R
1)
Adj Down
PT6360
2–4
5–812
9–10
Vin
Vo
Vo(adj)
GND
1
Inh
C
OUT
330 µF
(Optional)
(+)Sense
11
Notes:
1. Use a 1% (or better) tolerance resistor in either the (R1)
or R2 location. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors from Vo Adjust to either GND or
Vout. Any capacitance added to the Vo Adjust pin will affect
the stability of the ISR.
3. If the remote sense feature is not being used, the adjust
resistor (R1) can also be connected to Vout, (pins 9–10)
instead of (+)Sense.
Table 3-1
ISR OUTPUT VOLTAGE ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt. No.
PT6361
PT6362
PT6363
PT6364
PT6365
PT6366
PT6367
Vo (nom)
5.0 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
Va (min)
3.35 V
2.6 V
2.0 V
1.52 V
1.31 V
1.1 V
0.95 V
Va (max)
5.5 V
3.63 V
2.8 V
2.1 V
1.82 V
1.52 V
1.32 V
Ro (kΩ
Ω)
10.0
10.2
10.7
10.2
9.76
10.0
10.2
Rs (k
Ω)
15.0
24.9
24.9
24.9
24.9
24.9
24.9


Similar Part No. - PT6367N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6367 TI-PT6367 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6367N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com